Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL10276AC28-01L Datasheet(PDF) 11 Page - NEC

Part # NL10276AC28-01L
Description  36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Multi-scan function, Built-in CRT interface board
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL10276AC28-01L Datasheet(HTML) 11 Page - NEC

  NL10276AC28-01L Datasheet HTML 1Page - NEC NL10276AC28-01L Datasheet HTML 2Page - NEC NL10276AC28-01L Datasheet HTML 3Page - NEC NL10276AC28-01L Datasheet HTML 4Page - NEC NL10276AC28-01L Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 5 page
background image
Data Sheet EN0444EJ1V0DS00
11
NL10276AC28-01L
(5) Equivalent circuit
Symbol
I/O
Equivalent circuit
LEDON
LEDOFF
Output
RN2306 (Toshiba)
Or equivalent
Output
<Example of LED circuit>
LEDON
LEDOFF
R (330
Ω)
R (330
Ω)
LED
SEL
UP
DOWN
EXIT
RIGHT
LEFT
RESET
SW
LCD module
Output


Similar Part No. - NL10276AC28-01L

ManufacturerPart #DatasheetDescription
logo
NEC
NL10276AC28-02L NEC-NL10276AC28-02L Datasheet
227Kb / 40P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Ultra-wide viewing angle, Multi-scan function, CRT interface board
More results

Similar Description - NL10276AC28-01L

ManufacturerPart #DatasheetDescription
logo
NEC
NL10276AC28-02L NEC-NL10276AC28-02L Datasheet
227Kb / 40P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Ultra-wide viewing angle, Multi-scan function, CRT interface board
NL10276AC30-03 NEC-NL10276AC30-03 Datasheet
281Kb / 40P
   38 cm 15.0 inches, 1024 x 768 pixels, FULL-COLOR, MULTI-SCAN FUNCTION Wide viewing angle
NL10276BC28-05D NEC-NL10276BC28-05D Datasheet
202Kb / 24P
   36 cm 14.1 inches, 1024 x 768 pixels, 262,144 colors, LVDS Interface, High luminance
NL10276AC30-01A NEC-NL10276AC30-01A Datasheet
234Kb / 32P
   38 cm 15 inches, 1024 x 768 pixels, Full-color, Multi-scan Function, Built-in backlight with inverter Ultra wide viewing angle
NL128102AC23-02A NEC-NL128102AC23-02A Datasheet
279Kb / 40P
   39 cm 15.4 inches, 1280 x 1024 pixels, Full-color, Multi-scan Function Incorporated backlight with inverter
NL10276AC30-04R NEC-NL10276AC30-04R Datasheet
206Kb / 28P
   38 cm 15.0 inches, 1024 x 768 pixels, 262,144 colors, LVDS interface, Wide viewing angle, High luminance
logo
WAGO Kontakttechnik Gmb...
762-3150-000-003 WAGO-762-3150-000-003 Datasheet
239Kb / 6P
   Control Panel; 38.1 cm (15.0"); 1024 x 768 pixels; CAN, Target Visualization
logo
NEC
NL3224AC35-10 NEC-NL3224AC35-10 Datasheet
148Kb / 20P
   14 cm 5.5 inches, 320 x 240 Pixels, Full color Incorporated backlight with inverter
NL3224AC35-01 NEC-NL3224AC35-01 Datasheet
145Kb / 28P
   14 cm 5.5 inches, 320 x 240 Pixels, Full color NTSC/PAL mode, Wide temperature range
logo
AAEON Technology
AWK-3501 AAEON-AWK-3501 Datasheet
704Kb / 2P
   15??XGA (1024 x 768) Color TFT LCD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com