Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC2518 Datasheet(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBC2518
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBC2518 Datasheet(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBC2518 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LBC2518 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LBC2518 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LBC2518 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBC2518 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBC2518 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBC2518 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBC2518 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LBC2518 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
84
12
wound01_e-02
ELECTRICAL CHARACTERISTICS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
DC Bias characteristics(Measured by HP4285A+42841A)
DC Bias〔mA〕
LBC2518
1
10
0.1
1
100
10
1000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
LB1608
1
10
0.1
1
10
100
100
1000
1R0M
100M
DC Bias〔mA〕
LBMF1608
1
10
0.1
1
10
100
1000
1R0M
100□
4R7M
DC Bias〔mA〕
LB2012
1
10
0.1
1
100
10
1000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
LBC2012
1
10
0.1
1
10
100
100
1000
1R0M
470□
100□
DC Bias〔mA〕
LBR2012
1
10
1
10
100
1000
100
1000
1R0M
101□
100□
DC Bias〔mA〕
LB2016
1
10
0.1
1
100
10
1000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
LBC2016
1
10
0.1
1
100
10
1000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
LB2518
1
10
0.1
1
100
10
1000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
LBR2518
1
10
0.1
1
100
10
1000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
LB3218
1
10
0.1
1
100
10
1000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
LBC3225
1
10
0.1
1
100
10
100
10000
1000
101□R
100□R
1R0MR


Similar Part No. - LBC2518

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
LBC2518 MPS-LBC2518 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
logo
Kemet Corporation
LBC2518-T100MK KEMET-LBC2518-T100MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
LBC2518-T101MK KEMET-LBC2518-T101MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
LBC2518-T150MK KEMET-LBC2518-T150MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
LBC2518-T1R0MK KEMET-LBC2518-T1R0MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
More results

Similar Description - LBC2518

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com