Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LVC139 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD74LVC139
Description  Dual 2-to-4-line Decoders / Demultiplexers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC139 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74LVC139 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC139 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC139 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC139 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC139 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC139 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC139 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74LVC139
4
Switching Characteristics
Ta = –40 to 85
°C
Item
Symbol V
CC (V)
Min
Typ
Max
Unit
From (Input) To (Output)
Propagation delay time
t
PLH
2.7
7.0
10.0
ns
G, A, B
Y
0 to Y 3
t
PHL
3.3
±0.3
1.5
5.0
9.0
ns
5.0
±0.5
3.5
7.5
ns
Input capacitance
C
IN
2.7
3.0
pF
Output capacitance
C
O
2.7
15.0
pF
Test Circuit
VCC
VCC
A
Input
Pulse Generator
Z
= 50
out
Output
C =
50 pF
L
450
50
Scope
Y to Y
0
3
B
G
Note:
1.
C
L includes probe and jig capacitance.


Similar Part No. - HD74LVC139

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC139 RENESAS-HD74LVC139 Datasheet
82Kb / 6P
   Dual 2-to-4-line Decoders / Demultiplexers
HD74LVC139FPEL RENESAS-HD74LVC139FPEL Datasheet
82Kb / 6P
   Dual 2-to-4-line Decoders / Demultiplexers
HD74LVC139TELL RENESAS-HD74LVC139TELL Datasheet
82Kb / 6P
   Dual 2-to-4-line Decoders / Demultiplexers
More results

Similar Description - HD74LVC139

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC139B RENESAS-RD74LVC139B_15 Datasheet
116Kb / 10P
   Dual 2-to-4-line Decoders / Demultiplexers
logo
List of Unclassifed Man...
GD74HCT155 ETC1-GD74HCT155 Datasheet
191Kb / 4P
   DUAL 2-TO-4 LINE DECODERS/DEMULTIPLEXERS
logo
National Semiconductor ...
74LS155 NSC-74LS155 Datasheet
161Kb / 8P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54HC139 TI-SN54HC139 Datasheet
535Kb / 16P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HCT139 TI-SN54HCT139 Datasheet
93Kb / 5P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54AHC139 TI-SN54AHC139 Datasheet
115Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Aeroflex Circuit Techno...
UT54ACS139 AEROFLEX-UT54ACS139 Datasheet
248Kb / 10P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54LV139A TI-SN54LV139A_08 Datasheet
779Kb / 19P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HC139 TI-SN54HC139_07 Datasheet
678Kb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74155J TI-SN74155J Datasheet
1Mb / 23P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139MG4 TI-CD74ACT139MG4 Datasheet
869Kb / 14P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com