Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMPC3825-6R8L-RC Datasheet(PDF) 1 Page - Allied Components International

Part # SMPC3825-6R8L-RC
Description  Surface Mount Power Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SMPC3825-6R8L-RC Datasheet(HTML) 1 Page - Allied Components International

  SMPC3825-6R8L-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMPC3825-1R0L-RC
1.0
15
0.015
5.11
4.41
SMPC3825-1R2L-RC
1.2
15
0.016
4.93
4.11
SMPC3825-1R5L-RC
1.5
15
0.017
4.63
3.66
SMPC3825-1R8L-RC
1.8
15
0.022
4.27
3.22
SMPC3825-2R2L-RC
2.2
15
0.031
3.61
2.62
SMPC3825-2R7L-RC
2.7
15
0.038
3.18
2.40
SMPC3825-3R3L-RC
3.3
15
0.045
2.94
2.13
SMPC3825-3R9L-RC
3.9
15
0.062
2.57
2.05
SMPC3825-4R7L-RC
4.7
15
0.083
2.17
1.93
SMPC3825-5R6L-RC
5.6
15
0.091
2.08
1.79
SMPC3825-6R8L-RC
6.8
15
0.101
1.94
1.62
SMPC3825-8R2L-RC
8.2
15
0.118
1.83
1.50
SMPC3825-100L-RC
10
15
0.126
1.74
1.36
SMPC3825-120L-RC
12
15
0.170
1.50
1.26
SMPC3825-150L-RC
15
15
0.228
1.29
1.11
SMPC3825-180L-RC
18
15
0.306
1.13
1.05
SMPC3825-220L-RC
22
15
0.336
1.05
0.96
SMPC3825-270L-RC
27
15
0.389
0.98
0.86
SMPC3825-330L-RC
33
15
0.440
0.92
0.75
SMPC3825-390L-RC
39
15
0.490
0.86
0.72
SMPC3825-470L-RC
47
15
0.646
0.74
0.68
SMPC3825-560L-RC
56
15
0.845
0.65
0.64
SMPC3825-680L-RC
68
15
1.040
0.61
0.58
SMPC3825-820L-RC
82
15
1.240
0.56
0.51
SMPC3825-101L-RC
100
15
1.440
0.48
0.42
SMPC3825-121L-RC
120
15
2.180
0.45
0.40
SMPC3825-151L-RC
150
15
2.900
0.38
0.37
SMPC3825-181L-RC
180
15
3.280
0.36
0.33
SMPC3825-221L-RC
220
15
3.650
0.34
0.28
SMPC3825-271L-RC
270
15
4.400
0.29
0.26
SMPC3825-331L-RC
330
15
5.070
0.27
0.23
SMPC3825-391L-RC
390
15
5.900
0.23
0.20
SMPC3825-471L-RC
470
15
7.670
0.22
0.19
SMPC3825-561L-RC
560
15
8.850
0.21
0.17
SMPC3825-681L-RC
680
15
10.200
0.18
0.15
SMPC3825-821L-RC
820
15
11.580
0.17
0.14
SMPC3825-102L-RC
1000
15
12.970
0.16
0.13
Allied
Part
Number
Incremental
Current
(Amps)
Inductance
(
µh)
Tolerance
(%)
Current Rating
(Amps)
Max
DCR
Max.
(
Ω)
All specifications subject to change without notice.
SMPC3825
Surface Mount Power Choke
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
REVISED 08/12/11
Features
• SMD Molded High Current Choke
• Rohs Compliant
Tape and Reel for Auto Insertion
• Cross to Vishay IHSM3825
• Wide Inductance Range
Electrical
Inductance Range: 1.0µh ~ 1000µh
Tolerance: 15% over entire range
Test Frequency:
1KHz over entire range
Operating Temp:
Current Rating: Based on a 40ºC Temp
Rise.
Test Equipment
(L):
CH1-100 1KHz
(RDC):
Chen Hwa CH-301 DCR Meter
(IDC):
Chen Hwa CH-301 & DCR Meter
Physical
Packaging: 800 / reel.
Marking: EIA Inductance Code.
-55ºC ~ +125ºC
IDC: The current at which the inductance
will drop no more than 5% of its intitial
value with no DC current.
Resistance to Solder Heat
Reflow 260ºC 10 seconds
Also available in tighter tolerances.
0.440 MAX
(11.18 MAX)
0.250
(6.35)
0.225
(5.72)
0.075±0.010
(1.91±0.25)
.055 to .095
(1.40 to 2.41)
Dimensions:
Inches
(mm)


Similar Part No. - SMPC3825-6R8L-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMPC3825-6R8L-RC ALLIED-SMPC3825-6R8L-RC Datasheet
332Kb / 1P
   Surface Mount Power Choke
More results

Similar Description - SMPC3825-6R8L-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMPC5832-1R0L-RC ALLIED-SMPC5832-1R0L-RC Datasheet
438Kb / 1P
   Surface Mount Power Choke
SMPC3825-1R0L-RC ALLIED-SMPC3825-1R0L-RC Datasheet
332Kb / 1P
   Surface Mount Power Choke
SMPC5832 ALLIED-SMPC5832 Datasheet
438Kb / 1P
   Surface Mount Power Choke
SMPC7832 ALLIED-SMPC7832 Datasheet
443Kb / 1P
   Surface Mount Power Choke
SMPC7832-1R0L-RC ALLIED-SMPC7832-1R0L-RC Datasheet
439Kb / 1P
   Surface Mount Power Choke
logo
API Delevan
SDS850R API-SDS850R Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
SDS680R API-SDS680R Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
SDS130R API-SDS130R Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
   Choke Surface Mount Common Mode Choke
8041 FILTRAN-8041 Datasheet
191Kb / 1P
   CHOKE Surface Mount Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com