Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L01-6343 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L01-6343
Description  Input Voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L01-6343 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L01-6343 Datasheet HTML 1Page - List of Unclassifed Manufacturers L01-6343 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.6 VA
Part Number
No load voltage
Resistance 20°C
L x W x H = 39.6 x 39.6 x 18.5 mm
L01-6300
2 x 7V
114 mA
2 x 9V
2 x 8.80Ω
X x Y = 35.56 x 35.56 mm
L01-6301
2 x 9V
89 mA
2 x 11.6V
2 x 15.8Ω
Weight total = 80 g
L01-6302
2 x 12V
67 mA
2 x 15.4V
2 x 26.9Ω
Weight Cu = 20 g
L01-6303
2 x 15V
53 mA
2 x 19.3V
2 x 43.4Ω
Efficiency = 77%
L01-6304
2 x 18V
44 mA
2 x 23.4V
2 x 65.9Ω
External Fuse 32mA (stb) at 230V
*
L01-6305
2 x 22V
36 mA
2 x 28.2V
2 x 88.1Ω
Fixing = M4 threaded screw
3.2 VA
Part Number
No load voltage
Resistance 20°C
L x W x H = 44.7 x 44.7 x 19.5 mm
L01-6310
2 x 7V
229 mA
2 x 10.2V
2 x 7.0Ω
X x Y = 40.64 x 40.64 mm
L01-6311
2 x 9V
178 mA
2 x 13.0V
2 x 11.3Ω
Weight total = 110 g
L01-6312
2 x 12V
133 mA
2 x 17.3V
2 x 20.7Ω
Weight Cu = 26 g
L01-6313
2 x 15V
107 mA
2 x 21.4V
2 x 28.9Ω
Efficiency = 70%
*
L01-6314
2 x 18V
89 mA
2 x 25.7V
2 x 45.4Ω
External Fuse 32mA (stb) at 230V
*
L01-6315
2 x 22V
73 mA
2 x 31.3V
2 x 62.2Ω
Fixing = M4 threaded screw
5 VA
Part Number
No load voltage
Resistance 20°C
L x W x H = 49.7 x 49.7 x 19.5 mm
L01-6320
2 x 7V
357 mA
2 x 9.7V
2 x 4.0Ω
X x Y = 45.72 x 45.72 mm
L01-6321
2 x 9V
278 mA
2 x 12.4V
2 x 6.5Ω
Weight total = 144 g
L01-6322
2 x 12V
208 mA
2 x 17.0V
2 x 12.3Ω
Weight Cu = 33 g
L01-6323
2 x 15V
167 mA
2 x 21.3V
2 x 19.0Ω
Efficiency = 68%
*
L01-6324
2 x 18V
139 mA
2 x 25.5V
2 x 28.8Ω
External Fuse 50mA (stb) at 230V
*
L01-6325
2 x 22V
114 mA
2 x 30.5V
2 x 39.1Ω
Fixing = M4 threaded screw
7 VA
Part Number
No load voltage
Resistance 20°C
L x W x H = 49.7 x 49.7 x 23.1 mm
L01-6330
2 x 7V
500 mA
2 x 9.5V
2 x 2.5Ω
X x Y = 45.72 x 45.72 mm
L01-6331
2 x 9V
389 mA
2 x 12.2V
2 x 4.1Ω
Weight total = 174 g
L01-6332
2 x 12V
292 mA
2 x 16.2V
2 x 7.7Ω
Weight Cu = 36 g
L01-6333
2 x 15V
233 mA
2 x 20.3V
2 x 12.0Ω
Efficiency = 74%
L01-6334
2 x 18V
194 mA
2 x 24.3V
2 x 17.9Ω
External Fuse 63mA (stb) at 230V
*
L01-6335
2 x 22V
159 mA
2 x 29.7V
2 x 24.4Ω
Fixing = M4 threaded screw
Secondary
Secondary
Secondary
Secondary
g
10 VA
Part Number
No load voltage
Resistance 20°C
L x W x H = 55.0 x 55.0 x 26.0 mm
L01-6340
2 x 7V
714 mA
2 x 8.3V
2 x 1.0Ω
X x Y = 50.80 x 50.80 mm
L01-6341
2 x 9V
556 mA
2 x 10.8V
2 x 1.7Ω
Weight total = 252 g
L01-6342
2 x 12V
417 mA
2 x 14.4V
2 x 3.2Ω
Weight Cu = 45 g
L01-6343
2 x 15V
333 mA
2 x 18.0V
2 x 5.0Ω
Efficiency = 82%
L01-6344
2 x 18V
278 mA
2 x 21.7V
2 x 7.5Ω
External Fuse 80mA (stb) at 230V
*
L01-6345
2 x 22V
227 mA
2 x 26.3V
2 x 10.3Ω
Fixing = M4 threaded screw
15 VA
Part Number
No load voltage
Resistance 20°C
L x W x H = 60.0 x 60.0 x 26.3 mm
L01-6350
2 x 7V
1071 mA
2 x 8.9V
2 x 0.85Ω
X x Y = 55.88 x 55.88 mm
L01-6351
2 x 9V
833 mA
2 x 11.1V
2 x 1.3Ω
Weight total = 304 g
L01-6352
2 x 12V
625 mA
2 x 14.8V
2 x 2.3Ω
Weight Cu = 57 g
L01-6353
2 x 15V
500 mA
2 x 18.5V
2 x 3.1Ω
Efficiency = 80%
L01-6354
2 x 18V
417 mA
2 x 22.2V
2 x 5.3Ω
External Fuse 100mA (stb) at 230V
*
L01-6355
2 x 22V
341 mA
2 x 27.2V
2 x 7.4Ω
Fixing = M4 threaded screw
25 VA
Part Number
No load voltage
Resistance 20°C
L x W x H = 60.0 x 60.0 x 37.5 mm
L01-6360
2 x 7V
1785 mA
2 x 8.3V
2 x 0.4Ω
X x Y = 55.88 x 55.88 mm
L01-6361
2 x 9V
1377 mA
2 x 10.7V
2 x 0.7Ω
Weight total = 435 g
L01-6362
2 x 12V 1041 mA
2 x 14.3V
2 x 1.3Ω
Weight Cu = 85 g
L01-6363
2 x 15V
832 mA
2 x 17.8V
2 x 2.0Ω
Efficiency = 83%
L01-6364
2 x 18V
694 mA
2 x 21.4V
2 x 2.7Ω
External Fuse 100mA (stb) at 230V
*
L01-6365
2 x 22V
568 mA
2 x 26.2V
2 x 4.1Ω
Fixing = M4 threaded screw
35 VA
Part Number
No load voltage
Resistance 20°C
L x W x H = 72.0 x 72.0 x 37.5 mm
L01-6370
2 x 7V
2500 mA
2 x 8.2V
2 x 0.19Ω
X x Y = 66.04 x 66.04 mm
L01-6371
2 x 9V
1944 mA
2 x 10.6V
2 x 0.32Ω
Weight total = 590 g
L01-6372
2 x 12V 1458 mA
2 x 14.0V
2 x 0.53Ω
Weight Cu = 187 g
L01-6373
2 x 15V 1167 mA
2 x 17.6V
2 x 0.84Ω
Efficiency = 82%
L01-6374
2 x 18V
972 mA
2 x 20.9V
2 x 1.10Ω
External Fuse 200mA (stb) at 230V
*
L01-6375
2 x 22V
795 mA
2 x 25.7V
2 x 1.34Ω
Fixing = M5 threaded screw
50 VA
Part Number
No load voltage
Resistance 20°C
L x W x H = 82.4 x 82.4 x 37.5 mm
L01-6380
2 x 7V
3571 mA
2 x 8.1V
2 x 0.13Ω
X x Y = 76.2 x 76.2 mm
L01-6381
2 x 9V
2777 mA
2 x 10.4V
2 x 0.20Ω
Weight total = 800 g
L01-6382
2 x 12V 2083 mA
2 x 13.9V
2 x 0.34Ω
Weight Cu = 209 g
L01-6383
2 x 15V 1666 mA
2 x 17.3V
2 x 0.54Ω
Efficiency = 85%
L01-6384
2 x 18V 1389 mA
2 x 20.8V
2 x 0.82Ω
External Fuse 315mA (stb) at 230V
*
L01-6385
2 x 22V 1136 mA
2 x 25.4V
2 x 1.25Ω
Fixing = M5 threaded screw
* Not Applicable for VDE
Secondary
Secondary
Secondary
Secondary
Secondary
AMGIS, LLC * 10830 Kinghurst Dr. Houston, TX 77099
Phone: 832-775-1319 * Fax: 281-933-9067* email: sales@amgistoroids.com
Toll Free: 877-762-6447 * www.amgistoroids.com


Similar Part No. - L01-6343

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L0102 ETC2-L0102 Datasheet
156Kb / 2P
   SIZE 1, ARINC 600, RF CONNECTOR FOR ECS CABLE 310701
logo
Littelfuse
L0103DE LITTELFUSE-L0103DE Datasheet
271Kb / 8P
   New 1 Amp bi-directional solid state switch series offering direct interface
L0103DE LITTELFUSE-L0103DE Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0103DE LITTELFUSE-L0103DE Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0103DE LITTELFUSE-L0103DE Datasheet
1Mb / 8P
   Thyristors EV Series 1 Amp Sensitive Triacs
Revised: 05/29/19
More results

Similar Description - L01-6343

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B30 AD-3B30_15 Datasheet
362Kb / 8P
   Isolated Voltage Input
REV. 0
3B31 AD-3B31_15 Datasheet
362Kb / 8P
   Isolated Voltage Input
REV. 0
logo
HB Electronic Component...
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
logo
Analog Devices
7B31 AD-7B31 Datasheet
533Kb / 8P
   Isolated Voltage Input
REV. 0
ADM7172 AD-ADM7172 Datasheet
1Mb / 24P
   Input voltage range
3B30 AD-3B30 Datasheet
354Kb / 8P
   Isolated Voltage Input
REV. 0
7B31 AD-7B31_15 Datasheet
534Kb / 8P
   Isolated Voltage Input
REV. 0
logo
SynQor Worldwide Headqu...
PQ50090QGB11 SYNQOR-PQ50090QGB11 Datasheet
1Mb / 13P
   Input under-voltage lockout disables converter at low input voltage
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
248Kb / 11P
   Low Voltage Input LDO Voltage Regulators
XC6601 TOREX-XC6601_1 Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com