Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV541A Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD74LV541A
Description  Octal Buffers / Drivers with 3-state Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV541A Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74LV541A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV541A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV541A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV541A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV541A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV541A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV541A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV541A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV541A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HD74LV541A
4
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
V
CC
2.0
5.5
V
Input voltage range
V
I
0
5.5
V
Output voltage range
V
O
0V
CC
V
H or L
0
5.5
High impedance state
Output current
I
OH
–50
µAV
CC = 2.0 V
—–2
mA
V
CC = 2.3 to 2.7 V
—–8
V
CC = 3.0 to 3.6 V
–16
V
CC = 4.5 to 5.5 V
I
OL
—50
µAV
CC = 2.0 V
2
mA
V
CC = 2.3 to 2.7 V
—8
V
CC = 3.0 to 3.6 V
—16
V
CC = 4.5 to 5.5 V
Input transition rise or fall rate
∆t /∆v
0
200
ns/V
V
CC = 2.3 to 2.7 V
0
100
V
CC = 3.0 to 3.6 V
020
V
CC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.
Logic Diagram
To Seven Other Channels
A1
Y1
OE2
OE1
218
1
19


Similar Part No. - HD74LV541A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV541A RENESAS-HD74LV541A Datasheet
81Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
HD74LV541AFPEL RENESAS-HD74LV541AFPEL Datasheet
81Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
HD74LV541AFPEL RENESAS-HD74LV541AFPEL Datasheet
106Kb / 12P
   Octal Buffers / Drivers with 3-state Outputs
HD74LV541ARPEL RENESAS-HD74LV541ARPEL Datasheet
81Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
HD74LV541ARPEL RENESAS-HD74LV541ARPEL Datasheet
106Kb / 12P
   Octal Buffers / Drivers with 3-state Outputs
More results

Similar Description - HD74LV541A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com