Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEZ3642-15D Datasheet(PDF) 10 Page - NEC

Part # NEZ3642-15D
Description  15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NEZ3642-15D Datasheet(HTML) 10 Page - NEC

Back Button NEZ3642-15D Datasheet HTML 4Page - NEC NEZ3642-15D Datasheet HTML 5Page - NEC NEZ3642-15D Datasheet HTML 6Page - NEC NEZ3642-15D Datasheet HTML 7Page - NEC NEZ3642-15D Datasheet HTML 8Page - NEC NEZ3642-15D Datasheet HTML 9Page - NEC NEZ3642-15D Datasheet HTML 10Page - NEC NEZ3642-15D Datasheet HTML 11Page - NEC NEZ3642-15D Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
15 W C-BAND Po GaAs FET NEZ SERIES
10
NEZ7785-15D
VDS = 10 V, IDS = 4 000 mA, VGS = –1.472 V, IG = 0.0 mA, RG = 50
FREQUENCY
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
4.000
0.967
44.0
0.750
177.7
0.023
–125.5
0.438
3.8
4.500
0.956
19.9
0.963
125.3
0.024
174.9
0.136
–55.0
5.000
0.931
–9.3
1.167
69.9
0.023
109.5
0.217
120.5
5.500
0.878
–47.9
1.403
13.1
0.022
34.4
0.459
74.8
6.000
0.770
–99.3
1.707
–46.6
0.033
–50.7
0.574
34.2
6.200
0.706
–124.6
1.827
–71.9
0.037
–82.7
0.594
15.7
6.400
0.636
–152.7
1.932
–96.6
0.043
–111.8
0.596
–1.2
6.500
0.615
–168.0
1.983
–109.4
0.047
–129.6
0.952
–10.8
6.600
0.595
176.2
2.028
–122.2
0.050
–143.9
0.585
–19.2
6.800
0.570
144.7
2.112
–147.9
0.050
–166.2
0.559
–37.4
7.000
0.566
115.2
2.231
–173.6
0.056
166.7
0.551
–56.4
7.200
0.570
89.5
2.284
162.0
0.063
147.5
0.529
–77.5
7.400
0.545
64.6
2.322
135.7
0.069
120.8
0.494
–100.4
7.500
0.524
52.5
2.384
122.8
0.072
112.5
0.482
–113.0
7.600
0.512
40.9
2.398
109.7
0.073
95.4
0.459
–127.0
7.700
0.482
28.1
2.454
96.9
0.079
86.3
0.451
–140.7
7.800
0.456
16.3
2.474
83.2
0.079
71.9
0.427
–156.2
7.900
0.424
2.7
2.515
70.0
0.082
59.0
0.410
–171.6
8.000
0.389
–9.7
2.539
56.1
0.083
44.6
0.397
171.9
8.100
0.354
–27.6
2.573
42.4
0.086
33.3
0.385
154.9
8.200
0.320
–42.2
2.571
28.3
0.089
18.9
0.373
137.8
8.300
0.278
–63.1
2.568
13.4
0.086
5.6
0.368
120.0
8.400
0.250
–84.3
2.579
–0.3
0.086
–7.9
0.364
103.7
8.500
0.248
–111.0
2.571
–14.6
0.086
–20.7
0.364
88.4
8.600
0.239
–135.3
2.551
–29.6
0.087
–34.2
0.370
72.1
8.700
0.259
–162.1
2.492
–43.5
0.089
–50.7
0.365
58.2
8.800
0.289
175.8
2.467
–58.3
0.086
–62.5
0.365
43.6
8.900
0.325
156.2
2.393
–72.3
0.082
–75.7
0.355
32.1
9.000
0.369
136.3
2.313
–87.2
0.087
–92.2
0.329
18.2
9.200
0.455
106.0
2.157
–115.8
0.082
–120.0
0.264
–7.8
9.400
0.549
80.8
2.005
–142.4
0.078
–141.9
0.180
–37.0
9.500
0.587
70.4
1.962
–155.4
0.079
–155.5
0.143
–60.7
9.600
0.633
58.6
1.920
–169.5
0.079
–169.0
0.111
–98.3
9.800
0.714
37.2
1.763
161.5
0.076
162.2
0.151
–176.7
10.000
0.773
15.2
1.599
133.2
0.072
135.6
0.266
142.2


Similar Part No. - NEZ3642-15D

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ3642-4D NEC-NEZ3642-4D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-8D NEC-NEZ3642-8D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-8DD NEC-NEZ3642-8DD Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
More results

Similar Description - NEZ3642-15D

ManufacturerPart #DatasheetDescription
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-4D NEC-NEZ3642-4D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com