Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEZ1414-8E Datasheet(PDF) 8 Page - NEC

Part # NEZ1414-8E
Description  8W X, Ku-BAND POWER GaAs MESFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NEZ1414-8E Datasheet(HTML) 8 Page - NEC

Back Button NEZ1414-8E Datasheet HTML 4Page - NEC NEZ1414-8E Datasheet HTML 5Page - NEC NEZ1414-8E Datasheet HTML 6Page - NEC NEZ1414-8E Datasheet HTML 7Page - NEC NEZ1414-8E Datasheet HTML 8Page - NEC NEZ1414-8E Datasheet HTML 9Page - NEC NEZ1414-8E Datasheet HTML 10Page - NEC NEZ1414-8E Datasheet HTML 11Page - NEC NEZ1414-8E Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
NEZ1011-8E, NEZ1414-8E
[NEZ1414-8E] TYPICAL S-PARAMETERS
MAG. AND ANG.
Vds = 9.0 V, Ids = 2.8 A
FREQUENCY
S11
S12
S21
S22
GHz
MAG.ANG.MAG.
ANG.MAG.ANG.MAG.ANG.
(deg.)
(deg.)
(deg.)
(deg.)
12.5
12.6
12.7
12.8
12.9
13.0
13.1
13.2
13.3
13.4
13.5
13.6
13.7
13.8
13.9
14.0
14.1
14.2
14.3
14.4
14.5
14.6
14.7
14.8
14.9
15.0
15.1
15.2
15.3
15.4
15.5
15.6
15.7
15.8
15.9
16.0
0.721
0.708
0.692
0.679
0.662
0.646
0.627
0.611
0.586
0.558
0.529
0.494
0.448
0.402
0.352
0.304
0.269
0.250
0.256
0.286
0.322
0.366
0.407
0.444
0.477
0.503
0.526
0.544
0.562
0.572
0.584
0.591
0.598
0.606
0.624
0.603
139.415
132.772
126.118
119.449
112.727
105.975
98.571
91.070
82.834
74.382
64.540
55.184
43.623
30.135
14.210
–4.327
–27.205
–53.572
–79.363
–103.241
–122.532
–138.154
–151.177
–161.592
–171.208
–178.844
174.212
167.849
162.291
156.702
151.882
147.100
142.592
138.519
133.547
124.123
0.063
0.060
0.061
0.068
0.062
0.065
0.067
0.072
0.057
0.070
0.054
0.061
0.071
0.069
0.084
0.082
0.081
0.080
0.072
0.066
0.064
0.056
0.056
0.055
0.048
0.050
0.047
0.049
0.052
0.056
0.060
0.069
0.076
0.082
0.095
0.135
65.789
49.865
38.512
31.414
1.636
–6.348
–23.775
–37.200
–37.231
–53.072
–56.314
–74.305
–76.429
–99.610
–102.548
–119.795
–136.199
–148.309
–162.986
–173.622
173.480
166.468
156.879
149.490
145.649
143.612
137.404
136.461
131.212
122.258
122.717
113.154
109.553
100.716
96.384
81.547
1.090
1.189
1.072
1.012
1.162
1.168
1.251
1.517
1.519
1.532
1.728
1.688
1.798
1.904
1.895
2.076
2.078
2.172
2.227
2.154
2.098
2.048
1.904
1.832
1.666
1.375
1.149
1.021
0.825
0.682
0.621
0.535
0.458
0.396
0.326
0.212
90.045
72.305
63.885
51.496
35.162
25.472
10.965
–2.589
–18.701
–34.930
–43.120
–56.186
–83.164
–97.068
–116.284
–140.185
–157.244
–173.417
165.716
143.074
121.360
99.845
79.398
59.640
35.789
12.636
–6.188
–25.470
–47.459
–67.206
–82.501
–100.688
–122.328
–143.083
–169.106
168.591
0.648
0.627
0.604
0.583
0.560
0.538
0.521
0.505
0.482
0.467
0.451
0.433
0.407
0.379
0.347
0.306
0.253
0.188
0.126
0.110
0.180
0.285
0.396
0.504
0.598
0.681
0.747
0.796
0.835
0.852
0.866
0.865
0.866
0.849
0.810
0.830
–135.265
–142.873
–150.787
–158.823
–167.023
–175.622
176.137
167.049
158.613
149.864
140.419
132.405
123.168
113.048
102.547
91.198
76.864
58.116
25.259
–37.318
–85.219
–111.360
–129.289
–143.650
–156.091
–166.923
–176.864
174.066
165.850
157.773
150.892
144.212
138.057
130.919
124.834
118.132


Similar Part No. - NEZ1414-8E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NEZ1414-8E RENESAS-NEZ1414-8E Datasheet
165Kb / 6P
   GaAs MES FET
1997
More results

Similar Description - NEZ1414-8E

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ1011-2E NEC-NEZ1011-2E Datasheet
81Kb / 12P
   2W X, Ku-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
logo
NEC
NEZ1011-4E NEC-NEZ1011-4E Datasheet
82Kb / 12P
   4W X, Ku-BAND POWER GaAs MESFET
NE960R275 NEC-NE960R275_01 Datasheet
29Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
NE9000 NEC-NE9000 Datasheet
71Kb / 5P
   Ku-BAND MEDIUM POWER GaAs MESFET
NE13700 NEC-NE13700 Datasheet
194Kb / 5P
   LOW NOISE KU-BAND GAAS MESFET
NE710 NEC-NE710 Datasheet
279Kb / 7P
   LOW NOISE Ku-K BAND GaAs MESFET
NE760 NEC-NE760 Datasheet
276Kb / 7P
   LOW NOISE KU-K BAND GAAS MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com