Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV4040A Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HD74LV4040A
Description  12-stage Binary Counter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV4040A Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HD74LV4040A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 11Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 12Page - Hitachi Semiconductor HD74LV4040A Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HD74LV4040A
9
Switching Characteristics (cont)
• V
CC = 3.3 ± 0.3 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Maximum
f
max
75
140
70
MHz
C
L = 15 pF
clock
frequency
55
80
50
C
L = 50 pF
Propagation
t
PLH/tPHL
7.5
11.9
1.0
14.0
ns
C
L = 15 pF
CLK
Q
1
delay time
10.0
15.4
1.0
17.5
C
L = 50 pF
t
PHL
8.3
12.8
1.0
15.0
C
L = 15 pF
CLR
10.8
16.3
1.0
18.5
C
L = 50 pF
Propagation
delay time
skew
t
pd
2.4
4.4
5.0
ns
C
L = 50 pF
Q
n
Q
n + 1
Setup time
t
SU
5.0
5.0
ns
CLR inactive
before
CLK
Pulse width
t
w
5.0
5.0
ns
CLK high or low
5.0
5.0
CLR high


Similar Part No. - HD74LV4040A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
   12-stage Binary Counter
HD74LV4040AFPEL RENESAS-HD74LV4040AFPEL Datasheet
185Kb / 11P
   12-stage Binary Counter
HD74LV4040AFPEL RENESAS-HD74LV4040AFPEL Datasheet
205Kb / 13P
   12-stage Binary Counter
HD74LV4040ARPEL RENESAS-HD74LV4040ARPEL Datasheet
185Kb / 11P
   12-stage Binary Counter
HD74LV4040ARPEL RENESAS-HD74LV4040ARPEL Datasheet
205Kb / 13P
   12-stage Binary Counter
More results

Similar Description - HD74LV4040A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
   12 STAGE BINARY COUNTER
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
   12-stage Binary Counter
HD74HC4040 RENESAS-HD74HC4040_15 Datasheet
113Kb / 9P
   12-stage Binary Counter
HD74LV4040A RENESAS-HD74LV4040A_15 Datasheet
205Kb / 13P
   12-stage Binary Counter
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
67Kb / 7P
   12-Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com