Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV373 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74LV373
Description  Octal D-type Transparent Latches with 3-state Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV373 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HD74LV373 Datasheet HTML 4Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 5Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 6Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 7Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 8Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 9Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 10Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 11Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HD74LV373A
8
Switching Characteristics (cont)
• V
CC = 5.0 ± 0.5 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propa-
gation
delay
time
t
PLH
t
PHL
4.1
7.2
1.0
8.5
ns
C
L = 15 pF
D
Q
4.5
7.2
1.0
8.5
LE
5.1
9.2
1.0
10.5
C
L = 50 pF
D
5.5
9.2
1.0
10.5
LE
Enable
t
ZH
4.5
8.1
1.0
9.5
ns
C
L = 15 pF
OE
Q
time
t
ZL
5.5
10.1
1.0
11.5
C
L = 50 pF
Disable
t
HZ
3.3
7.2
1.0
8.5
ns
C
L = 15 pF
OE
Q
time
t
LZ
4.0
9.2
1.0
10.5
C
L = 50 pF
Setup
time
t
SU
4.0
4.0
ns
Data before LE
Hold
time
t
h
1.0
1.0
ns
Data after LE
Pulse
width
t
w
5.0
5.0
ns
LE "H"


Similar Part No. - HD74LV373

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV373A RENESAS-HD74LV373A Datasheet
86Kb / 11P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LV373AFPEL RENESAS-HD74LV373AFPEL Datasheet
86Kb / 11P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LV373AFPEL RENESAS-HD74LV373AFPEL Datasheet
110Kb / 13P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LV373ARPEL RENESAS-HD74LV373ARPEL Datasheet
86Kb / 11P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LV373ARPEL RENESAS-HD74LV373ARPEL Datasheet
110Kb / 13P
   Octal D-type Transparent Latches with 3-state Outputs
More results

Similar Description - HD74LV373

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com