Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV27A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74LV27A
Description  Triple 3-input Positive NOR Gates
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV27A Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74LV27A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV27A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV27A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV27A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV27A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV27A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV27A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV27A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV27A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HD74LV27A
Triple 3-input Positive NOR Gates
ADE-205-256 (Z)
1st Edition
March 1999
Description
The HD74LV27A performs the Boolean functions Y =
A•B•C or Y = A+B+C in positive logic.
Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook
computers), and the low-power consumption extends the battery life.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 0 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
Function Table
Inputs
A
B
C
Output Y
HX
X
L
XH
X
L
XXH
L
LLL
H
Note:
H: High level
L: Low level
X: Immaterial


Similar Part No. - HD74LV27A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV27A RENESAS-HD74LV27A Datasheet
70Kb / 9P
   Triple 3-input Positive NOR Gates
HD74LV27AFPEL RENESAS-HD74LV27AFPEL Datasheet
70Kb / 9P
   Triple 3-input Positive NOR Gates
HD74LV27AFPEL RENESAS-HD74LV27AFPEL Datasheet
94Kb / 11P
   Triple 3-input Positive NOR Gates
HD74LV27ARPEL RENESAS-HD74LV27ARPEL Datasheet
70Kb / 9P
   Triple 3-input Positive NOR Gates
HD74LV27ARPEL RENESAS-HD74LV27ARPEL Datasheet
94Kb / 11P
   Triple 3-input Positive NOR Gates
More results

Similar Description - HD74LV27A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A Datasheet
464Kb / 6P
   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Texas Instruments
SN54F27 TI-SN54F27 Datasheet
67Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
SN54HC27 TI-SN54HC27 Datasheet
486Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS27 HITACHI-HD74LS27 Datasheet
44Kb / 5P
   Triple 3-input Positive NOR Gates
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A_14 Datasheet
1Mb / 5P
   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Renesas Technology Corp
HD74LS27 RENESAS-HD74LS27 Datasheet
56Kb / 5P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54ALS27A TI1-SN54ALS27A_15 Datasheet
812Kb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
SN54ALS27A TI-SN54ALS27A Datasheet
96Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Renesas Technology Corp
HD74LV27A RENESAS-HD74LV27A Datasheet
70Kb / 9P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
54AC11027 TI1-54AC11027_09 Datasheet
83Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com