Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEZ1414-2E Datasheet(PDF) 8 Page - NEC

Part # NEZ1414-2E
Description  2W X, Ku-BAND POWER GaAs MESFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NEZ1414-2E Datasheet(HTML) 8 Page - NEC

Back Button NEZ1414-2E Datasheet HTML 4Page - NEC NEZ1414-2E Datasheet HTML 5Page - NEC NEZ1414-2E Datasheet HTML 6Page - NEC NEZ1414-2E Datasheet HTML 7Page - NEC NEZ1414-2E Datasheet HTML 8Page - NEC NEZ1414-2E Datasheet HTML 9Page - NEC NEZ1414-2E Datasheet HTML 10Page - NEC NEZ1414-2E Datasheet HTML 11Page - NEC NEZ1414-2E Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
NEZ1011-2E, NEZ1414-2E
[NEZ1414-2E] TYPICAL S-PARAMETERS
MAG. AND ANG.
Vds = 9.0 V, Ids = 0.7 A
FREQUENCY
S11
S12
S21
S22
GHz
MAG.ANG.MAG.
ANG.MAG.ANG.MAG.ANG.
(deg.)
(deg.)
(deg.)
(deg.)
12.5
12.6
12.7
12.8
12.9
13.0
13.1
13.2
13.3
13.4
13.5
13.6
13.7
13.8
13.9
14.0
14.1
14.2
14.3
14.4
14.5
14.6
14.7
14.8
14.9
15.0
15.1
15.2
15.3
15.4
15.5
15.6
15.7
15.8
15.9
16.0
0.720
0.714
0.703
0.694
0.681
0.665
0.647
0.619
0.598
0.564
0.528
0.489
0.458
0.417
0.379
0.345
0.316
0.299
0.283
0.286
0.294
0.316
0.341
0.371
0.404
0.434
0.470
0.500
0.535
0.563
0.592
0.614
0.643
0.667
0.693
0.714
54.026
47.272
40.563
33.714
25.911
18.142
10.006
1.522
–7.303
–16.994
–25.513
–35.940
–46.827
–58.735
–71.139
–86.020
–100.664
–117.676
–135.202
–153.247
–171.013
172.686
157.476
143.634
130.878
119.410
107.612
96.950
86.060
75.185
64.542
54.164
43.880
33.519
24.111
14.872
0.041
0.042
0.046
0.054
0.042
0.049
0.048
0.050
0.065
0.066
0.078
0.076
0.094
0.083
0.104
0.098
0.095
0.100
0.094
0.096
0.098
0.099
0.103
0.108
0.107
0.113
0.104
0.102
0.099
0.091
0.093
0.089
0.089
0.085
0.081
0.076
–23.488
–33.909
–49.053
–67.659
–75.730
–91.627
–106.322
–123.298
–121.906
–147.244
–144.394
–164.810
174.594
160.842
137.769
123.598
110.275
95.196
85.165
73.113
56.700
46.372
29.217
13.049
0.943
–17.401
–31.285
–45.363
–59.856
–74.474
–86.447
–101.479
–115.807
–129.917
–143.437
–159.317
1.670
1.618
1.805
1.905
1.883
2.076
2.139
2.226
2.244
2.269
2.572
2.705
2.394
2.514
2.483
2.337
2.380
2.475
2.473
2.387
2.393
2.363
2.329
2.311
2.279
2.226
2.173
2.138
2.067
2.002
1.930
1.858
1.768
1.668
1.558
1.473
–12.914
–27.927
–33.613
–41.620
–59.438
–70.774
–85.459
–106.292
–117.709
–129.798
–146.964
–157.354
–172.475
172.741
160.220
143.589
130.321
115.146
100.169
85.738
72.248
58.619
44.378
30.331
15.402
0.717
–13.915
–28.618
–43.793
–58.791
–74.024
–88.826
–104.195
–119.138
–134.157
–148.375
0.559
0.536
0.513
0.489
0.469
0.444
0.423
0.397
0.376
0.354
0.331
0.308
0.291
0.267
0.245
0.222
0.199
0.177
0.155
0.132
0.113
0.092
0.074
0.059
0.048
0.046
0.054
0.068
0.087
0.109
0.134
0.162
0.197
0.231
0.268
0.311
139.492
132.577
125.731
118.906
110.831
102.528
94.278
85.041
76.035
66.079
56.921
46.382
35.057
23.990
12.747
0.830
–10.034
–21.527
–33.131
–45.132
–57.855
–72.397
–89.862
–113.198
–143.105
–178.465
147.862
121.138
100.050
81.796
65.785
51.196
38.392
26.433
15.119
5.747


Similar Part No. - NEZ1414-2E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NEZ1414-2E RENESAS-NEZ1414-2E Datasheet
166Kb / 8P
   GaAs MES FET
1996
More results

Similar Description - NEZ1414-2E

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ1011-8E NEC-NEZ1011-8E Datasheet
82Kb / 12P
   8W X, Ku-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
logo
NEC
NEZ1011-4E NEC-NEZ1011-4E Datasheet
82Kb / 12P
   4W X, Ku-BAND POWER GaAs MESFET
NE960R275 NEC-NE960R275_01 Datasheet
29Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
NE9000 NEC-NE9000 Datasheet
71Kb / 5P
   Ku-BAND MEDIUM POWER GaAs MESFET
NE13700 NEC-NE13700 Datasheet
194Kb / 5P
   LOW NOISE KU-BAND GAAS MESFET
NE710 NEC-NE710 Datasheet
279Kb / 7P
   LOW NOISE Ku-K BAND GaAs MESFET
NE760 NEC-NE760 Datasheet
276Kb / 7P
   LOW NOISE KU-K BAND GAAS MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com