Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V681HF34 Datasheet(PDF) 7 Page - Littelfuse

Part # V681HF34
Description  Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V681HF34 Datasheet(HTML) 7 Page - Littelfuse

  V681HF34 Datasheet HTML 1Page - Littelfuse V681HF34 Datasheet HTML 2Page - Littelfuse V681HF34 Datasheet HTML 3Page - Littelfuse V681HF34 Datasheet HTML 4Page - Littelfuse V681HF34 Datasheet HTML 5Page - Littelfuse V681HF34 Datasheet HTML 6Page - Littelfuse V681HF34 Datasheet HTML 7Page - Littelfuse V681HF34 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: July 11, 2010
HB34, HF34 and HG34 Varistor Series
Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/hb34.html or /hf34 or /hg34.thml
for current information.
Dimensions (mm)
37.0 MAX
47.5
MAX
22.0
1.0
6.0
0.1
0.55
S
42.5
MAX
2.5 TO
5.0
T
0.1
2.30
0.2
+/-
+/-
+/-
+/-
Part Type
T Body Thickness
(Max)
S Mounting
Terminal Offset
V111HF34
5.5
2.0 -/+ 0.65
V131HF34
5.7
2.1 -/+ 0.65
V141HF34
5.8
2.2 -/+ 0.65
V151HF34
2.4 -/+ 0.65
V181HF34
6.0
2.5 -/+ 0.65
V201HF34
6.0
2.6 -/+ 0.65
V251HF34
6.1
2.7 -/+ 0.85
V271HF34
6.4
V301HF34
6.7
3.2 -/+ 0.85
V321HF34
3.4 -/+ 0.85
V331HF34
7.0
3.5 -/+ 0.85
V351HF34
7.3
7.6
4.2 -/+ 0.85
V421HF34
7.8
4.4 -/+ 0.85
V441HF34
8.0
4.5 -/+ 0.85
V481HF34
8.3
4.8 -/+ 1.0
V511HF34
8.8
5.2 -/+ 1.0
V551HF34
5.5 -/+ 1.0
V571HF34
5.7 -/+ 1.5
V661HF34
10.2
6.5 -/+ 1.5
V681HF34
10.4
6.7 -/+ 1.5
V751HF34
10.7
7.3 -/+ 1.5
Part Type
T Body Thickness
(Max)
S Mounting
Terminal Offset
V111HB34
5.5
5.30 -/+ 0.65
V131HB34
5.7
5.50 -/+ 0.65
V141HB34
5.8
5.70 -/+ 0.65
V151HB34
V181HB34
6.0
6.10 -/+ 0.65
V201HB34
6.0
6.10 -/+ 0.65
V251HB34
6.1
6.25 -/+ 0.65
V271HB34
6.4
6.50 -/+ 0.65
V301HB34
6.7
6.70 -/+ 0.65
V321HB34
V331HB34
7.0
V351HB34
7.3
7.20 -/+ 0.85
7.6
7.50 -/+ 0.85
V421HB34
7.8
7.85 -/+ 0.85
V441HB34
8.0
V481HB34
8.3
8.25 -/+ 1.00
V511HB34
8.8
8.60 -/+ 1.00
V551HB34
8.55 -/+ 1.5
V571HB34
8.85 -/+ 1.5
V661HB34
10.2
V681HB34
10.4
10.35 -/+ 1.5
V751HB34
10.7
10.65 -/+ 1.5
HB34 Series Thickness and Terminal Offset Dimensions
Dia 3.81 +/- 0.08
7.06 +/- 0.2
0.51 +/- 0.1
12.7 typ
3.7+/- 0.25
56 max
S
T max
25.4 +/- 0.5
37.0 max
HF34 Series Thickness and Terminal Offset Dimensions
HB34 Series
HF34 Series


Similar Part No. - V681HF34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V681HA32 LITTELFUSE-V681HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V681HA40 LITTELFUSE-V681HA40 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
logo
MDE Semiconductor, Inc.
V681HA40 MDE-V681HA40 Datasheet
63Kb / 1P
   Metal Oxide Varistors
More results

Similar Description - V681HF34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
   Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
HB34 LITTELFUSE-HB34 Datasheet
969Kb / 8P
   The HB34, HF34, and HG34 Series of transient surge suppressors are industrial high-energy Metal-Oxide Varistors
V131DA40 LITTELFUSE-V131DA40_09 Datasheet
119Kb / 4P
   Industrial High Energy Terminal Varistors
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
logo
Shanghai Yint Electroni...
40D YINT-40D Datasheet
462Kb / 3P
   High-Energy Varistors
53D YINT-53D Datasheet
467Kb / 3P
   High-Energy Varistors
34S YINT-34S Datasheet
483Kb / 3P
   High-Energy Varistors
logo
List of Unclassifed Man...
Z660PA100C ETC2-Z660PA100C Datasheet
58Kb / 1P
   SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com