Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE-J00 Datasheet(PDF) 1 Page - Vicor Corporation

Part # VE-J00
Description  Half Brick, DC-DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VE-J00 Datasheet(HTML) 1 Page - Vicor Corporation

  VE-J00 Datasheet HTML 1Page - Vicor Corporation VE-J00 Datasheet HTML 2Page - Vicor Corporation VE-J00 Datasheet HTML 3Page - Vicor Corporation VE-J00 Datasheet HTML 4Page - Vicor Corporation VE-J00 Datasheet HTML 5Page - Vicor Corporation VE-J00 Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VI-J00 DC-DC Converters
Rev 2.8
vicorpower.com
Page 1 of 6
10/2013
800 927.9474
VI-J00
VE-J00
S
NRTL
C
US
C
US
®
Half Brick, DC-DC Converters
25 to 100 Watts
ProductHighlights
The VI-J00 MiniMod family established a new standard in component-level DC-DC
converters. This “junior” size complement to the higher power VI-200 family offers up to 100
W of isolated and regulated power in a board mounted package. With thousands of
input/output/power combinations, and with a maximum operating temperature rating of 100˚C,
the MiniMod provides nearly unlimited flexibiliy for power system designers to meet
demanding time to market requirements.
Utilizing Vicor’s “zero-current-switching” forward converter technology, proven by an
installed base of over 8 million units, the MiniMod family combines state of the art power
density with the efficiency, low noise and reliability required by next generation power
systems.
Features
Isolatedoutput
Upto50Wattspercubicinch
cURus,cTÜVus
CEMarked
Upto90%efficiency
Size:2.28"x2.4"x0.5"
(57,9 x 61,0 x 12,7)
Remotesenseandcurrentlimit
Logicdisable
Widerangeoutputadjust
ZCSpowerarchitecture
LownoiseFMcontrol
RoHScompliant(VEversions)
VI — J
61 — C W
Family
Series
Input
Output
Grade
Power
VI=Non-RoHS J=J00 0= 12V N = 48V
Z =2V M = 10V K=40V E = –10to100°C ≥5V
<5
VE=RoHS
V= 24V 4 = 72V
Y = 3.3V 1 = 12V 4=48V C = –25to100°C W = 100W W= 20A
1= 24V T = 110V
0 =5V P = 13.8V H=52V I =–40to100°C X = 75W X= 15A
W= 24V 5 = 150V
X = 5.2V 2 = 15V F=72V M = –55to100°C Y = 50W Y= 10A
2= 36V 6 = 300V
W = 5.5V N = 18.5V D=85V
Z = 25W Z= 5A
3= 48V 7 = 150/300V V = 5.8V 3 = 24V B=95V
T = 6.5V L = 28V
R = 7.5V J = 36V
PartNumbering
Note: For additional
packaging options,
please see page 5.


Similar Part No. - VE-J00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J00 VICOR-VE-J00 Datasheet
190Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
VE-J00 VICOR-VE-J00 Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J00 VICOR-VE-J00 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J00 VICOR-VE-J00 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results

Similar Description - VE-J00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J01-CY VICOR-VE-J01-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
Wall Industries,Inc.
LV200 WALL-LV200 Datasheet
649Kb / 12P
   200 Watt Half-Brick DC - DC Power Converters
logo
Artesyn Technologies
RFB300 ARTESYN-RFB300 Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com