Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1090NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # T1090NL
Description  T1/CEPT/ISDN-PRI TRANSFORMERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1090NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  T1090NL Datasheet HTML 1Page - Pulse A Technitrol Company T1090NL Datasheet HTML 2Page - Pulse A Technitrol Company T1090NL Datasheet HTML 3Page - Pulse A Technitrol Company T1090NL Datasheet HTML 4Page - Pulse A Technitrol Company T1090NL Datasheet HTML 5Page - Pulse A Technitrol Company T1090NL Datasheet HTML 6Page - Pulse A Technitrol Company T1090NL Datasheet HTML 7Page - Pulse A Technitrol Company T1090NL Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RoHS-6 Compliant
Turns Ratio B
OCL @ 25°C
LL
CW/W
DCR Pri
DCR Sec
Package/
Primary
Part Number
(Pri:Sec ± 2%)
(mH MIN)
(µH MAX)
(pF MAX)
(
Ω MAX)
(
Ω MAX)
Schematic
Pins
EXTENDED TEMPERATURE RANGE MODELS 1 – OPERATING TEMPERATURE -40°C TO +85°C
PE-68841NL
1CT:2CT & 1CT:2CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.00 & 1.00
1.70 & 1.70
AN/2
12-10, 4-6
PE-68822NL
1CT:2CT & 1:1.36CT
1.60 & 1.60
1.00 & 0.80
60 & 55
1.70 & 1.70
2.00 & 1.70
AN/1
12-10, 4-6
PE-68826NL E
1:1/1.26 & 1:2CT
1.20 & 1.20
0.80 & 0.80
50 & 60
1.00 & 1.00
1.10 & 1.70
AN/4
12-10, 4-6
PE-68827NL
1:1CT & 2:1
1.60 & 1.60
1.30 & 1.30
55 & 40
1.10 & 1.10
1.10 & 0.70
AN/5
1-3, 4-6
PE-68828NL
1CT:1CT & 1CT:1CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.00 & 1.00
1.00 & 1.00
AN/2
1-3, 4-6
PE-68874NL
1CT:1.15CT & 1CT:1.15CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.20 & 1.20
1.40 & 1.40
AN/2
1-3, 4-6
PE-68877NL
1CT:1CT & 1CT:2CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.00 & 1.00
1.00 & 1.80
AN/2
1-3, 4-6
PE-68884NL
1CT:1.36CT & 1CT:1.36CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.20 & 1.20
1.40 & 1.40
AN/2
1-3, 4-6
STANDARD TEMPERATURE RANGE MODELS – OPERATING TEMPERATURE 0°C TO +70°C
PE-68861NL
1CT:2CT & 1CT:2CT
1.20 & 1.20
0.60 & 0.60
35 & 35
0.70 & 0.70
1.20 & 1.20
AN/2
12-10, 4-6
PE-68864NL A
1CT:2CT & 1:1
1.20 & 1.20
0.30-0.55 & 0.80
30 & 30
0.70 & 0.70
1.20 & 0.70
AN/3
1-3, 5-6
PE-68866NL E
1:1/1.26 & 1:2CT
1.50 & 1.20
0.40 & 0.50
40 & 40
0.70 & 0.70
0.90 & 1.20
AN/4
12-10, 4-6
PE-68836NL E
1:1/1.26 & 1:1/1.26
1.50 & 1.50
0.40 & 0 .40
45 & 45
0.80 & 0.80
1.00 & 1.00
AN/6
12-10, 9-7
Electrical Specifications @ 25°C
NOTE: To order Tape & Reel packaging add a “T” suffix to the part number (i.e. PE-68861NL becomes PE-68861NLT).
See Pages 6 and 7 for Table Notes.
T1/CEPT/ISDN-PRI TRANSFORMERS
Dual Surface Mount, 1500 Vrms, Extended &
Standard Temperature Range
RoHS-6 peak reflow temperature rating: 245°C°
Dual SMT package contains transmit and receive transformers
Models matched to leading transceiver ICs
Isolation voltage: 1500 Vrms
UL recognized
Weight . . . . . . . . . . . . . . .4.0 grams
Tape & Reel . . . . . . . . . . . . 250/reel
Tube . . . . . . . . . . . . . . . . . . 30/tube
Mechanical
Schematics
AN
www.pulseeng.com
1
T608.T (4/10)
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0.25
USA 858 674 8100Germany 49 7032 7806 0Singapore 65 6287 8998Shanghai 86 21 62787060China 86 755 33966678Taiwan 886 3 4356768


Similar Part No. - T1090NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1090NL PULSE-T1090NL Datasheet
649Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1090NL PULSE-T1090NL Datasheet
2Mb / 9P
   T1/Cept/ISDN-PRI Transformers
T1090NL PULSE-T1090NL Datasheet
154Kb / 8P
   TRANSFORMERS
T1090NL PULSE-T1090NL Datasheet
2Mb / 9P
   T1/Cept/ISDN-PRI Transformers
More results

Similar Description - T1090NL

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S5813 BOTHHAND-S5813 Datasheet
65Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
S5821 BOTHHAND-S5821 Datasheet
67Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF00123D XFMRS-XF00123D_09 Datasheet
55Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com