Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF36A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SMF36A
Description  Surface Mount ESD Protection Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMF36A Datasheet(HTML) 1 Page - Vishay Siliconix

  SMF36A Datasheet HTML 1Page - Vishay Siliconix SMF36A Datasheet HTML 2Page - Vishay Siliconix SMF36A Datasheet HTML 3Page - Vishay Siliconix SMF36A Datasheet HTML 4Page - Vishay Siliconix SMF36A Datasheet HTML 5Page - Vishay Siliconix SMF36A Datasheet HTML 6Page - Vishay Siliconix SMF36A Datasheet HTML 7Page - Vishay Siliconix SMF36A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SMF5V0A to SMF58A
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 17-Oct-13
1
Document Number: 85881
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount ESD Protection Diodes
MARKING (example only)
Bar = cathode marking
YY = type code (see table below)
XX = date code
FEATURES
• For surface mounted applications
• Low-profile package
• Optimized for LAN protection applications
• Ideal for ESD protection of data lines in
accordance with IEC 61000-4-2 (IEC 801-2)
• Ideal for EFT protection of data lines in
accordance with IEC 61000-4-4 (IEC 801-4)
• ESD-protection acc. IEC 61000-4-2
± 30 kV contact discharge
± 30 kV air discharge
• Low incremental surge resistance, excellent clamping
capability
• 200 W peak pulse power capability with a 10/1000 μs
waveform, repetition rate (duty cycle): 0.01 %
• “Low-Noise” technology - very fast response time
• High temperature soldering guaranteed: 260 °C/10 s at
terminals
•e3 - Sn
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
17249
20278
1
2
22623
Available
Available
ORDERING INFORMATION
PART
NUMBER
(EXAMPLE)
ENVIRONMENTAL AND QUALITY CODE
PACKAGING CODE
ORDERING CODE
(EXAMPLE)
AEC-Q101
QUALIFIED
RoHS-COMPLIANT +
LEAD (Pb)-FREE TERMINATIONS
TIN
PLATED
3K PER 7" REEL
(8 mm TAPE),
30K/BOX = MOQ
10K PER 13" REEL
(8 mm TAPE),
50K/BOX = MOQ
STANDARD
HALOGEN-FREE
SMF5V0A-
E
3
-08
SMF5V0A-E3-08
SMF5V0A-
M
3
-08
SMF5V0A-M3-08
SMF5V0A-
H
E
3
-08
SMF5V0A-HE3-08
SMF5V0A-
H
M
3
-08
SMF5V0A-HM3-08
SMF5V0A-
E
3
-18
SMF5V0A-E3-18
SMF5V0A-
M
3
-18
SMF5V0A-M3-18
SMF5V0A-
H
E
3
-18
SMF5V0A-HE3-18
SMF5V0A-
H
M
3
-18
SMF5V0A-HM3-18
PACKAGE DATA
PACKAGE
NAME
MOLDING
COMPOUND
WEIGHT
(mg)
HEIGHT
MAX.
(mm)
LENGTH
MAX.
(mm)
WIDTH
MAX.
(mm)
MOLDING
COMPOUND
MOISTURE
SENSITIVITY LEVEL
SOLDERING
CONDITIONS
SMF
(DO-219AB)
Standard
15
1.08
3.9
1.9
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s
at terminals
Halogen-free


Similar Part No. - SMF36A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMF36A DIOTEC-SMF36A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
SMF36A VISHAY-SMF36A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
UN Semiconducctor INC
SMF36A UNSEMI-SMF36A Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
SMF36A LUGUANG-SMF36A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
logo
Vishay Siliconix
SMF36A VISHAY-SMF36A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results

Similar Description - SMF36A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com