Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-68786NL Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # PE-68786NL
Description  T1/CEPT/ISDN-PRI TRANSFORMERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68786NL Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  PE-68786NL Datasheet HTML 1Page - Pulse A Technitrol Company PE-68786NL Datasheet HTML 2Page - Pulse A Technitrol Company PE-68786NL Datasheet HTML 3Page - Pulse A Technitrol Company PE-68786NL Datasheet HTML 4Page - Pulse A Technitrol Company PE-68786NL Datasheet HTML 5Page - Pulse A Technitrol Company PE-68786NL Datasheet HTML 6Page - Pulse A Technitrol Company PE-68786NL Datasheet HTML 7Page - Pulse A Technitrol Company PE-68786NL Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
T1/CEPT/ISDN-PRI TRANSFORMERS
Single Through Hole, 1500Vrms
RoHS-6 peak reflow temperature rating: 245°C
Extended and standard temperature range
Dual and single through hole models available
Models matched to leading IC transceivers
UL recognized
Isolation Voltage: 1500 Vrms MIN
Notes: Leads are 24 AWG solderable.
Unused pins not provided.
.250 MAX
6,35
.130
3,30
.200
5,08
.100
2,54
5
3
1
6
4
2
PE-6XXXXNL
Date Code
.350
MAX
8,89
.500
MAX
12,70
.400
10,16
Mechanical
Schematics
HC
www.pulseeng.com
4
T608.T (4/10)
Electrical Specifications @ 25°C
RoHS-6
Compliant
Part Number
Turns Ratio B
(Pri:Sec ±5%)
OCL @ 25°C
(mH MIN)
CW/W
(pF MAX)
LL
(µH MAX)
DCR Pri
(
Ω MAX)
DCR Sec
(
Ω MAX)
Package/
Schematic
Primary
Pins
STANDARD TEMPERATURE RANGE SINGLE TRANSFORMERS – OPERATING TEMPERATURE 0°C TO +70°C
PE-64931NL
1:1:1 (1:2CS)
1.20
25
0.50
0.70
0.70 & 0.70
HC/2
1-2
PE-64933NL
1CT:3CT
1.20
30
0.50
0.70
1.60
HC/4
1-5
PE-64934NL
1:1w
1.20
25
0.50
0.70
0.70
HC/1
1-2
PE-64936NL
1CT:1
1.20
25
0.80
0.70
0.70
HC/3
1-5
PE-64937NL
1:1.36
1.20
35
0.80
0.70
0.80
HC/1
5-6
PE-64940NL
1.26CS:1 (1:1:1.58)
0.30
30
0.60
0.80
0.60
HC/2
1-4
PE-64941NL D
1CS:1
0.80
30
0.60
0.80
0.60
HC/2
1-4
PE-64942NL
1CS:1.31
0.80
30
0.40
0.80
0.60
HC/2
1-4
PE-64943NLA
1CT:2CT
1.20
30
0.30-0.55
0.70
1.20
HC/4
1-5
PE-65351NL
1:2CT
1.20
0.50
0.70
1.30
HC/3
2-6
PE-65363NL
1:4CT
0.50
40
1.00
0.50
1.50
HC/5
1-5
PE-65379NL
1:1.14CT
1.20
35
0.80
0.70
0.80
HC/5
1-5
PE-65388NL
1:1.15CT
1.50
35
0.60
0.70
0.90
HC/3
2-6
PE-65389NL E
1:1/1.26
1.50
40
0.40
0.70
0.90
HC/3
2-6
PE-65415NL
1CT:2CT
1.20
30
0.50
0.70
1.20
HC/4
1-5
PE-65558NL
1:2.3CT
1.20
35
0.80
0.70
1.40
HC/5
1-5
PE-65586NL
1:1.36CT
1.20
35
0.80
0.70
0.90
HC/5
1-5
PE-65755NL
1CT:1CT
1.20
25
0.80
0.80
0.80
HC/4
1-5
PE-68644NL
1CT:1
0.70
20
0.70
0.20
0.80
HC/3
1-5
PE-68645NL
1:1.36CT
0.70
20
0.70
0.50
0.40
HC/5
1-5
T1054NL
1:1.5CT
1.20
30
0.60
0.70
1.00
HC/3
2-6
EXTENDED TEMPERATURE RANGE SINGLE TRANSFORMERS 1 – OPERATING TEMPERATURE -40°C TO +85°C
PE-65340NL
1:1.36
1.20
35
0.80
0.90
1.20
HC/1
5-6
PE-65770NL
1:1.15CT
1.50
40
0.80
0.90
1.00
HC/3
2-6
PE-65771NL
1CT:2CT
1.20
50
0.60
1.00
2.00
HC/4
2-6
PE-65778NL
1CT:1CT
1.20
40
1.00
1.00
1.00
HC/4
1-5
PE-68600NL
1CT:3CT
1.20
60
0.80
0.90
2.70
HC/4
1-5
PE-68664NL E
1:1/1.26
1.50
50
0.80
0.90
1.10
HC/3
2-6
TX1252NL
1CT:1
1.20
40
1.00
1.00
1.00
HC/3
1-5
See pages 6 and 7 for table notes.
Unless otherwise specified, all tolerances are ± .010
0,25
Dimensions: Inches
mm
Weight . . . . . . . . . 2 grams
Tube . . . . . . . . . . . 60/tube
USA 858 674 8100Germany 49 7032 7806 0Singapore 65 6287 8998Shanghai 86 21 62787060China 86 755 33966678Taiwan 886 3 4356768


Similar Part No. - PE-68786NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68786NL PULSE-PE-68786NL Datasheet
649Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
PE-68786NL PULSE-PE-68786NL Datasheet
2Mb / 9P
   T1/Cept/ISDN-PRI Transformers
PE-68786NL PULSE-PE-68786NL Datasheet
154Kb / 8P
   TRANSFORMERS
PE-68786NL PULSE-PE-68786NL Datasheet
2Mb / 9P
   T1/Cept/ISDN-PRI Transformers
More results

Similar Description - PE-68786NL

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S5813 BOTHHAND-S5813 Datasheet
65Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
S5821 BOTHHAND-S5821 Datasheet
67Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF00123D XFMRS-XF00123D_09 Datasheet
55Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com