Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-65870NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PE-65870NL
Description  T1/CEPT/ISDN-PRI TRANSFORMERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-65870NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PE-65870NL Datasheet HTML 1Page - Pulse A Technitrol Company PE-65870NL Datasheet HTML 2Page - Pulse A Technitrol Company PE-65870NL Datasheet HTML 3Page - Pulse A Technitrol Company PE-65870NL Datasheet HTML 4Page - Pulse A Technitrol Company PE-65870NL Datasheet HTML 5Page - Pulse A Technitrol Company PE-65870NL Datasheet HTML 6Page - Pulse A Technitrol Company PE-65870NL Datasheet HTML 7Page - Pulse A Technitrol Company PE-65870NL Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Weight . . . . . . . . . 1.0 grams
Tape & Reel . . . . . . . 600/reel
Tube . . . . . . . . . . . . . 40/tube
Unless otherwise specified, all tolerances are ± .010
0,25
Dimensions: Inches
mm
T1/CEPT/ISDN-PRI TRANSFORMERS
Dual Surface Mount, 1500Vrms, Small Package
Mechanical
Schematics
BH
RoHS-6 peak reflow temperature rating: 245°C°
Dual SMT package contains transmit and receive
transformers
Models matched to leading transceiver ICs
UL recognized (some parts pending approval)
Electrical Specifications @ 25°C
RoHS-6 Compliant
Part Number
Turns Ratio B
(Pri:Sec ±5%)
OCL
(mH MIN)
CW/W
(pF MAX)
LL
(µH MAX)
DCR Pri
(
Ω MAX)
Package/
Schematic
Primary
Pins
STD TEMP
EXT TEMP
PE-65861NL
T1090NL
1CT:2CT & 1CT:2CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
16-14, 6-8
T1091NL
1CT:2CT & 1:1.36CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/2
16-14, 6-8
T1076NL
1:1.15CT & 1CT:2CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/3
16-14, 6-8
PE-65870NL
1CT:1.15CT & 1CT:1.15CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
1-3, 6-8
PE-68678NL
T1094NL
1CT:1CT & 1CT:2CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
16-14, 6-8
PE-68786NL
1CT:1.41CT & 1CT:1.41CT
1.00 & 1.00
30 & 30
.60 & .60
0.70 & 0.70
BH/1
16-14, 11-9
T1023NL
1CT:1.41CT & 1CT:1.41CT
1.00 & 1.00
30 & 30
.60 & .60
0.70 & 0.70
BH/1
1-3, 11-9
T1021NL I
2CT:1/1.26 & 2CT:1/1.26
1.50 & 1.50
40 & 40
.50 & .50
0.70 & 0.70
BH/1
1-3, 11-9
T1075NL I
2CS:1.57/2 & 2CS:1.57/2
1.50 & 1.50
40 & 40
.50 & .50
0.70 & 0.70
BH/4
1-2, 5-6
T1137NL
TX1287NL
1CT:2.42CT & 1CT:2.42CT
1.20 & 1.20
25 & 25
.60 & .60
0.70 & 0.70
BH/1
1-3, 6-8
T1146NL
1:2/2.4 & 1:0.79/1
1.00 & 1.00
35 & 35
1.00 & 1.00
0.80 & 0.80
BH/5
1-3, 6-8
TX1188NL
1CT:2CT & 1CT:2CT
1.20 & 1.20
30 & 30
.60 & .60
0.70 & 0.70
BH/1
1-3, 6-8
TX1089NL
1CT:1CT & 1CT:1CT
1.20 & 1.20
30 & 30
.80 & .80
0.70 & 0.70
BH/1
1-3, 6-8
TX1467NL
1CT:1:1 & 1CT:1:1
1.20 & 1.20
30 & 30
.80 & .80
1.00 & 1.00
BH/4
16-14, 11-9
NOTE: Standard (STD) operating temperature range is 0°C to 70°C. Extended (EXT) operating temperature range is -40°C to +85°C. See pages 6 and 7 for table
notes.
USA 858 674 8100Germany 49 7032 7806 0Singapore 65 6287 8998Shanghai 86 21 62787060China 86 755 33966678Taiwan 886 3 4356768
www.pulseeng.com
2
T608.T (4/10)


Similar Part No. - PE-65870NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-65870NL PULSE-PE-65870NL Datasheet
649Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
PE-65870NL PULSE-PE-65870NL Datasheet
2Mb / 9P
   T1/Cept/ISDN-PRI Transformers
PE-65870NL PULSE-PE-65870NL Datasheet
154Kb / 8P
   TRANSFORMERS
PE-65870NL PULSE-PE-65870NL Datasheet
2Mb / 9P
   T1/Cept/ISDN-PRI Transformers
More results

Similar Description - PE-65870NL

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S5813 BOTHHAND-S5813 Datasheet
65Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
S5821 BOTHHAND-S5821 Datasheet
67Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF00123D XFMRS-XF00123D_09 Datasheet
55Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com