Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1094NLT Datasheet(PDF) 8 Page - Pulse A Technitrol Company

Part # T1094NLT
Description  T1/CEPT/ISDN-PRI TRANSFORMERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1094NLT Datasheet(HTML) 8 Page - Pulse A Technitrol Company

  T1094NLT Datasheet HTML 1Page - Pulse A Technitrol Company T1094NLT Datasheet HTML 2Page - Pulse A Technitrol Company T1094NLT Datasheet HTML 3Page - Pulse A Technitrol Company T1094NLT Datasheet HTML 4Page - Pulse A Technitrol Company T1094NLT Datasheet HTML 5Page - Pulse A Technitrol Company T1094NLT Datasheet HTML 6Page - Pulse A Technitrol Company T1094NLT Datasheet HTML 7Page - Pulse A Technitrol Company T1094NLT Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
COMMON MODE CHOKES FOR
TELECOM APPLICATIONS
For EMI Reduction
0
-5
-10
-15
-20
-25
-30
1 MHz
10 MHz
100 MHz
Frequency
PE-65555NL
PE-65854NL
PE-65554NL
PE-65857NL
Typical common mode attenuation for
high-frequency common mode chokes
based on a 100
Ω system.
Schematics
18
2
7
3
6
4
5
1
3
6
4
5
1
8
2
7
2
PE-XXXXXNL
Date Code
Country of Origin
.595
MAX
15,11
.480
MAX
12,19
.130 – .010
3,30 – 0,25
.300
7,62
C
L
C
L
.300
7,62
MAX
.100
2,54
8
7
6
5
1
2
3
4
.300
7,62
SUGGESTED PAD LAYOUT
.100
2,54
8
1
4
PE-XXXXXNL
Date Code
Country of Origin
.340
8,64
MAX
.070
1,78
.050
1,27
8X
.050
1,27
.004/0,10
.360
9,14
MAX
5
.100
2,54
.270
6,86
.098
2,49
MAX
PE-XXXXXNL
Date Code
Country ofOrigin
85
14
.100
2,54
.600
MAX
15,24
.475
MAX
12,07
.475
MAX
12,07
SUGGESTED PAD LAYOUT
.300
7,62
.640
16,26
.400
10,16
.120
3,05
.050
TYP
1,27
.100
TYP
2,54
.085
2,16
.340
MAX
8,64
.040 / .050
1,02 / 1,27
.010 / .020
0,25 / 0,51
.004/0,10
.030
0,76
SH
LA
IN
Weight . . . . . 0.3 grams . . . . . 2 grams . . . 2.5 grams
Tape & Reel . . 1500/reel . . . . . 250/reel . . . . . . . . (N/A)
Tube . . . . . . . . . 25/tube . . . . . . 30/tube . . . . . . 35/tube
Dimensions:
Inches
mm
Unless otherwise specified all tolerances are ±
.010
0,25
Mechanicals
SH
LA
IN
www.pulseeng.com
8
T608.T (4/10)
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
NOTE: For additional Common Mode Chokes, refer to data sheet G002.
Pulse Part Number
Turns Ratio (±5%)
OCL (µH MIN)
Package/Schematic
HIGH FREQUENCY COMMON MODE CHOKES, 4-LINES
PE-65554NL
1:1:1:1
24.0
IN/1 (Through Hole)
PE-65555NL
1:1:1:1
8.0
IN/1 (Through Hole)
PE-65854NL
1:1:1:1
47.0
SH/1 (Surface Mount)
PE-65857NL
1:1:1:1
24.0
LA/2 (Surface Mount)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Zeppelinstrasse 15
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Rd. West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Rd.
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 19 8
Zhongyuan Rd.
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2010. Pulse Engineering, Inc. All rights reserved.


Similar Part No. - T1094NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1094NL PULSE-T1094NL Datasheet
649Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1094NL PULSE-T1094NL Datasheet
2Mb / 9P
   T1/Cept/ISDN-PRI Transformers
T1094NL PULSE-T1094NL Datasheet
154Kb / 8P
   TRANSFORMERS
T1094NL PULSE-T1094NL Datasheet
2Mb / 9P
   T1/Cept/ISDN-PRI Transformers
More results

Similar Description - T1094NLT

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S5813 BOTHHAND-S5813 Datasheet
65Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
S5821 BOTHHAND-S5821 Datasheet
67Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF00123D XFMRS-XF00123D_09 Datasheet
55Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com