Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLS-24-024T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLS-24-024T
Description  Silver Line Series ??Single Multi-Output Linears
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLS-24-024T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLS-24-024T Datasheet HTML 1Page - List of Unclassifed Manufacturers SLS-24-024T Datasheet HTML 2Page - List of Unclassifed Manufacturers SLS-24-024T Datasheet HTML 3Page - List of Unclassifed Manufacturers SLS-24-024T Datasheet HTML 4Page - List of Unclassifed Manufacturers SLS-24-024T Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Power Supplies
3
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
144
Silver Line Series – Single & Multi-Output Linears
The Silver Line series follows the industry accepted
footprint for open frame, linear power supplies. Standard
screw terminal connections and optional covers are offered
for safety considerations.
Applications
• Industrial Control Circuits and Components
• Instrumentation
• Drives
• CNC Machinery
• Equipment for food industry
• Microprocessor Circuits
• Analog Circuits
• Noise sensitive Circuitry and Sensors
Features
• Easy-to-install screw terminal connections
• Cover options
• Industry standard footprint
• Universal input and approvals (115/230 Vac)
• Low noise, extremely quiet DC output. For noise
sensitive or analog circuitry.
• Fast transient response. Ideal for test applications.
• Built-in OVP on 5 V models and optional on
12, 15 and 24 V models
• Automatic resetting overload protection
• Short circuit protected
• Two year limited warranty
Certifications and Compliances
UL 60950
E137632
CUL/CSA-C22.2
No. 234-M90
Recognized Component, ITE
- UL 60950-1
Certified, ITE
- CSA C22.2 CSA 60950-1
- IEC60950-1
E137632
Specifications
Specifications are typical. Load Regulation on outputs without Remote Sense, .1% typical.
Parameter
Condition
Limit
Input
Input Voltage
100/120/220/230/240
Vac Selectable
Input Frequency
47-63 Hz
Output
Line Regulation
for 10% change
0.05%
Load Regulation
for 50% change
0.05%
Ripple
3.0 mV maximum
Peak-to-Peak
DC Output
Adjustment Range
±5% Minimum
Overvoltage
Protection
All 5-Volt outputs include
build-in OVP as standard
(setting is 6.2 V ±0.4 V)
OVP is optionally
available on other types
Transient
Response Time
at 50% Load Changes
50 msec.
Overload
Protection
Automatic current
limit foldback
Remote Sensing
Available to compensate
for output voltage drop
on selected models.
0.5 Vdc
General
Operating
Temperature Range
Derate to 40% at +70°C
0 to +50°C
Storage
Temperature Range
-25°C to +85°C
Temperature
Coefficient (Typical)
0.01% 0°C
Stability
After warm-up
±.5%
EMI/RFI
Linear power supplies
have inherently low
conducted and radiate
noise levels
For most system
applications they will
meet requirements of
FCC Class B and VDE
0871 for Class B
Cover Option
Derate power by an additional 15%
Cooling
Forced air. 20 CFM required for full rating
Derate 30% without cooling


Similar Part No. - SLS-24-024T

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
SLS-24-730-1 SHINMEI-SLS-24-730-1 Datasheet
82Kb / 2P
   High Current Slide Switch
More results

Similar Description - SLS-24-024T

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MB5-3-OV-A SLPOWER-MB5-3-OV-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
List of Unclassifed Man...
HBB5-3-OV-AG ETC2-HBB5-3-OV-AG Datasheet
374Kb / 7P
   Commercial/Medical International Linears
logo
Astec America, Inc
ATV351 ASTEC-ATV351 Datasheet
665Kb / 4P
   15-115 Watts LINEARS
logo
List of Unclassifed Man...
HC24-24-A ETC2-HC24-24-A Datasheet
374Kb / 7P
   Commercial/Medical International Linears
logo
International Rectifier
IR3580 IRF-IR3580_15 Datasheet
322Kb / 7P
   Single Output Digital Multi-Phase Controller
IR3563A IRF-IR3563A Datasheet
417Kb / 4P
   Single Output Digital Multi-Phase Controller
IR3563A IRF-IR3563A_15 Datasheet
408Kb / 4P
   Single Output Digital Multi-Phase Controller
logo
Integrated Power Design...
REL-70 IPDPOWER-REL-70 Datasheet
365Kb / 2P
   70 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT AC-DC
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com