Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FU-68PDF-V520M106B Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # FU-68PDF-V520M106B
Description  1.58 um (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-68PDF-V520M106B Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  FU-68PDF-V520M106B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-68PDF-V520M106B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-68PDF-V520M106B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-68PDF-V520M106B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-68PDF-V520M106B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V520MxxxB
1.58
µm (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL
(WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
DESCRIPTION
Module type FU-68PDF-V520MxxB is a 1.58
µm
(L-Band)
DFB-LD
module
with
polarization
maintaining optical fiber.
This module is suitable to a CW light source for
external modulator for use in 2.5Gb/s and 10Gb/s
digital optical communication systems.
This module is prepared to expand the wavelength
channels into L-Band for Dense-WDM transmission.
FEATURES
l Multi quantum wells (MQW) DFB Laser Diode
module (100GHz spacing)
l Input impedance is 25
l Emission wavelength is in 1.58
µm band
l Polarization maintaining optical fiber pig-tail
l Built-in optical isolator
l Built-in thermal electric cooler
l Butterfly package
l With photodiode for optical output monitor
APPLICATION
High speed transmission systems (~10Gb/s)
Dense-WDM systems
OPTION
l Wavelength option:
1565nm~1625nm are available
ABSOLUTE MAXIMUM RATINGS
(Tld=Tset)
Parameter
Symbol
Conditions
Rating
Unit
Optical output
power
Pf
CW
24
mW
Forward current
If
CW
150
mA
Laser diode
Reverse voltage
Vrl
-
2
V
Reverse voltage
Vrd
-
20
V
Photodiode
Forward current
Ifd
-
2
mA
Cooler current
Ipe
-
1.3
A
Thermo-
electric cooler
(Note)
Cooler voltage
Vpe
-
3.1
V
Operating case temperature
Tc
-
-20 ~ 70
°C
Storage temperature
Tstg
-
-40 ~ 85
°C
Note) Even if the thermo-electric cooler (TEC) is operated within the rated conditions, uncontrolled current
loading or operation without heatsink may easily damage the module by exceeding the storage
temperature range. Thermistor resistance should be properly monitored by the feedback circuit during TEC
operation to avoid the catastrophic damage.


Similar Part No. - FU-68PDF-V520M106B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68PDF-V520MXXB MITSUBISHI-FU-68PDF-V520MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results

Similar Description - FU-68PDF-V520M106B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68PDF-V510MXXXB MITSUBISHI-FU-68PDF-V510MXXXB Datasheet
92Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V520MXXB MITSUBISHI-FU-68PDF-V520MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V510MXXB MITSUBISHI-FU-68PDF-V510MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V802MXXXB MITSUBISHI-FU-68SDF-V802MXXXB Datasheet
93Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V810MXXXB MITSUBISHI-FU-68SDF-V810MXXXB Datasheet
91Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V810MXXB MITSUBISHI-FU-68SDF-V810MXXB Datasheet
109Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V802MXXB MITSUBISHI-FU-68SDF-V802MXXB Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-22 MITSUBISHI-FU-68SDF-22 Datasheet
85Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-48SDF-1 MITSUBISHI-FU-48SDF-1 Datasheet
222Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-1M1B MITSUBISHI-FU-645SDF-1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com