Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDC20-270K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RDC20-270K-RC
Description  Radial Drum Core Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RDC20-270K-RC Datasheet(HTML) 1 Page - Allied Components International

  RDC20-270K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Radial Drum Core Inductors
RDC20
Features
• Radial Leads for direct Printed Circuit
Board mounting.
• Pre-tinned leads.
• Inductance range from 1.0µh to 2200µh.
Also available in non-standard inductance
values.
• Current rating range from 2 to 108 amps
DC.
• Ideal for use in switching power supplies,
filter networks and power amplifiers.
Electrical
Inductance: measured at 1KHz, 1V.
Saturation Current: Lowers inductance
by 10%.
Reflow soldering - Max 230
°C for 6 sec.
max. .Mechanical
Leads are tinned to within 1/16 in. of body.
Coils are finished with UL-VW-1 rated
sleeving.
Physical
Packaging: 25 pieces per bag.
RDC20-1R0T-RC
1.0
30
.003
108.0
.620
RDC20-1R2M-RC
1.2
20
.003
108.0
.620
RDC20-1R5M-RC
1.5
20
.003
83.0
.620
RDC20-1R8M-RC
1.8
20
.003
68.0
.620
RDC20-2R2M-RC
2.2
20
.004
68.0
.620
RDC20-2R7M-RC
2.7
20
.005
58.0
.620
RDC20-3R3M-RC
3.3
20
.005
58.0
.620
RDC20-3R9M-RC
3.9
20
.005
50.0
.620
RDC20-4R7M-RC
4.7
20
.005
50.0
.620
RDC20-5R6M-RC
5.6
20
.006
44.0
.620
RDC20-6R8M-RC
6.8
20
.007
39.0
.620
RDC20-8R2M-RC
8.2
20
.007
36.0
.620
RDC20-100M-RC
10
20
.009
30.0
.620
RDC20-120K-RC
12
10
.009
27.0
.620
RDC20-150K-RC
15
10
.013
25.0
.625
RDC20-180K-RC
18
10
.018
22.0
.630
RDC20-220K-RC
22
10
.019
21.0
.630
RDC20-270K-RC
27
10
.026
20.5
.546
RDC20-330K-RC
33
10
.029
18.6
.546
RDC20-390K-RC
39
10
.030
17.0
.594
RDC20-470K-RC
47
10
.035
15.1
.625
RDC20-560K-RC
56
10
.039
13.6
.625
RDC20-680K-RC
68
10
.053
12.7
.656
RDC20-820K-RC
82
10
.060
11.3
.656
RDC20-101K-RC
100
10
.080
10.4
.593
RDC20-121K-RC
120
10
.090
9.4
.593
RDC20-151K-RC
150
10
.098
8.6
.593
RDC20-181K-RC
180
10
.110
7.8
.671
RDC20-221K-RC
220
10
.150
7.0
.593
RDC20-271K-RC
270
10
.213
6.3
.652
RDC20-331K-RC
330
10
.305
5.2
.590
RDC20-391K-RC
390
10
.320
4.9
.590
RDC20-471K-RC
470
10
.355
4.5
.590
RDC20-561K-RC
560
10
.388
4.1
.590
RDC20-681K-RC
680
10
.430
3.7
.590
RDC20-821K-RC
820
10
.590
3.4
.590
RDC20-102K-RC
1000
10
.818
3.1
.590
RDC20-122K-RC
1200
10
1.140
2.7
.590
RDC20-152K-RC
1500
10
1.260
2.4
.590
RDC20-182K-RC
1800
10
1.390
2.2
.590
RDC20-222K-RC
2200
10
1.540
2.0
.590
All specifications subject to change without notice.
D
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Allied
Part
Number
Inductance
(
µh)
DCR
Max.
Saturation
Current
(A) DC
Dimension
(D)
Tolerance
0.825
(20.96)
MAX.
0.84
(21.34)
MAX.
0.50
(12.70)
MAX.
0.825
(20.96)
MAX.
Dimensions:
Inches
(mm)
See table
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
.9.00
7.20
7.20
5.50
5.50
5.50
5.50
4.80
4.80
4.00
4.00
4.00
4.00
2.80
2.00
1.60
1.60
1.60
1.60
1.60
1.30
1.00
0.80
0.80
0.80
0.80
IDC
(A)
5.50
Temperature rise: T=50ºC rise typical
at IDC.
0.060
0.060
0.060
0.060
0.060
0.060
0.060
0.060
0.060
0.060
0.060
0.060
0.060
0.060
0.054
0.048
0.048
0.043
0.043
0.043
0.041
0.041
0.039
0.039
0.033
0.033
0.033
0.033
0.031
0.030
0.025
0.025
0.025
0.025
0.025
0.022
0.020
0.020
0.020
0.020
0.020
Lead
O.D.
Revised 11/29/2012


Similar Part No. - RDC20-270K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC20-270K-RC ALLIED-RDC20-270K-RC Datasheet
788Kb / 1P
   Radial Drum Core Inductors
More results

Similar Description - RDC20-270K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC60 ALLIED-RDC60 Datasheet
837Kb / 1P
   Radial Drum Core Inductors
RDC10-1R0T-RC ALLIED-RDC10-1R0T-RC Datasheet
791Kb / 1P
   Radial Drum Core Inductors
RDC10 ALLIED-RDC10 Datasheet
349Kb / 1P
   Radial Drum Core Inductors
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC50-1R8K-RC ALLIED-RDC50-1R8K-RC Datasheet
756Kb / 1P
   Radial Drum Core Inductors
RDC30 ALLIED-RDC30 Datasheet
369Kb / 1P
   Radial Drum Core Inductors
RDC50 ALLIED-RDC50 Datasheet
818Kb / 1P
   Radial Drum Core Inductors
RDC20-1R0T-RC ALLIED-RDC20-1R0T-RC Datasheet
788Kb / 1P
   Radial Drum Core Inductors
RDC30-1R0K-RC ALLIED-RDC30-1R0K-RC Datasheet
793Kb / 1P
   Radial Drum Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com