Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDC40-2R7M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RDC40-2R7M-RC
Description  Radial Drum Core Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RDC40-2R7M-RC Datasheet(HTML) 1 Page - Allied Components International

  RDC40-2R7M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RDC40 Radial Drum Core Inductors
Features
• High Current / Power Line Choke
• Drum Core Design
• UL VW-1 Shrink Tube Cover
Electrical
Inductance Raange: 1.8uh to 15mH
Tolerance: 20% from 1.8uh up to 8.2uh
°C for
Test Equipment
(L): HP 4262A
(DCR): HP 4263A
Physical
Packaging: Box Trays
All specifications subject to change without notice.
D
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Allied
Part
Number
(L)
(µh)
DCR
Max.
Saturation
Current
(A) DC
Dimension
(D)
Tolerance
(Ω)
RDC40-1R8M-RC
1.8
20
.002
150.0
1.11
RDC40-2R2M-RC
2.2
20
.002
150.0
1.11
RDC40-2R7M-RC
2.7
20
.003
115.0
1.11
RDC40-3R3M-RC
3.3
20
.003
115.0
1.11
RDC40-3R9M-RC
3.9
20
.003
95.0
1.11
RDC40-4R7M-RC
4.7
20
.003
95.0
1.11
RDC40-5R6M-RC
5.6
20
.004
79.0
1.11
RDC40-6R8M-RC
6.8
20
.004
79.0
1.11
RDC40-8R2M-RC
8.2
20
.004
69.0
1.11
RDC40-100K-RC
10
20
.005
61.0
1.11
RDC40-120K-RC
12
10
.005
55.0
1.11
RDC40-150K-RC
15
10
.006
49.0
1.11
RDC40-180K-RC
18
10
.008
41.0
1.11
RDC40-220K-RC
22
10
.009
38.0
1.11
RDC40-270K-RC
27
10
.010
36.0
1.15
RDC40-330K-RC
33
10
.011
31.0
1.15
RDC40-390K-RC
39
10
.012
28.0
1.15
RDC40-470K-RC
47
10
.018
27.0
1.14
RDC40-560K-RC
56
10
.019
26.1
1.14
RDC40-680K-RC
68
10
.021
24.4
1.14
RDC40-820K-RC
82
10
.023
22.4
1.14
RDC40-101K-RC
100
10
.025
20.0
1.14
RDC40-121K-RC
120
10
.028
18.0
1.187
RDC40-151K-RC
150
10
.040
16.4
1.125
RDC40-181K-RC
180
10
.045
14.6
1.125
RDC40-221K-RC
220
10
.050
13.2
1.125
RDC40-271K-RC
270
10
.056
11.8
1.156
RDC40-331K-RC
330
10
.074
11.4
1.125
RDC40-391K-RC
390
10
.082
10.1
1.187
RDC40-471K-RC
470
10
.114
9.2
1.125
RDC40-561K-RC
560
10
.125
8.3
1.125
RDC40-681K-RC
680
10
.139
7.6
1.125
RDC40-821K-RC
820
10
.154
6.8
1.187
RDC40-102K-RC
1000
10
.216
6.2
1.062
RDC40-122K-RC
1200
10
.232
5.7
1.156
RDC40-152K-RC
1500
10
.324
5.1
1.156
RDC40-182K-RC
1800
10
.360
4.6
1.062
RDC40-222K-RC
2200
10
.494
4.2
1.062
RDC40-272K-RC
2700
10
.555
3.8
1.062
1.50
(38.10)
MAX.
1.03
(26.16)
MAX.
0.50
(12.70)
MAX.
1.50
(38.10)
MAX.
Dimensions:
Inches
(mm)
Operating Temp: -55ºC ~ +125ºC
Rated
27.0
27.0
27.0
27.0
27.0
27.0
27.0
27.0
27.0
27.0
27.0
27.0
27.0
21.0
21.0
21.0
21.0
14.4
14.4
14.4
.14.4
14.4
14.4
11.4
11.4
11.4
11.4
11.4
9.0
7.2
7.2
7.2
7.2
5.5
5.5
4.5
4.5
4.0
4.0
Current
RDC40-332K-RC
10
.773
3.4
1.125
RDC40-392K-RC
3900
10
.845
3.1
2.9
1.11
RDC40-472K-RC
4700
10
1.14
1.11
2.8
2.8
2.0
3300
RDC40-562K-RC
5600
10
1.60
2.5
1.11
RDC40-682K-RC
6800
10
1.76
2.3
1.16
RDC40-822K-RC
8200
10
1.95
1.16
2.0
1.6
1.6
RDC40-103K-RC
10
2.76
1.8
1.16
RDC40-123K-RC 12000
10
3.04
1.7
1.5
1.16
RDC40-153K-RC 15000
10
3.39
1.16
1.3
1.3
1.3
10000
2.0
(A)
Dimension
(E)
0.081
0.081
0.081
0.081
0.081
0.081
0.081
0.081
0.081
0.081
0.081
0.081
0.081
0.081
0.081
0.072
0.072
0.072
0.064
0.064
0.064
0.064
0.064
0.057
0.057
0.051
0.051
0.051
0.045
0.045
0.040
0.040
0.040
0.040
0.036
0.036
0.036
0.032
0.032
0.029
0.029
0.029
0.025
0.025
0.023
0.023
0.020
0.020
E
10% from 10uh to 15mH
Also available in tighter tolerances
Saturation Current: Lowers Inductance by 5%
Marking: EIA Inductance Code
REVISED 05/17/10


Similar Part No. - RDC40-2R7M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC40-2R7M-RC ALLIED-RDC40-2R7M-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
More results

Similar Description - RDC40-2R7M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC60 ALLIED-RDC60 Datasheet
837Kb / 1P
   Radial Drum Core Inductors
RDC10-1R0T-RC ALLIED-RDC10-1R0T-RC Datasheet
791Kb / 1P
   Radial Drum Core Inductors
RDC10 ALLIED-RDC10 Datasheet
349Kb / 1P
   Radial Drum Core Inductors
RDC50-1R8K-RC ALLIED-RDC50-1R8K-RC Datasheet
756Kb / 1P
   Radial Drum Core Inductors
RDC30 ALLIED-RDC30 Datasheet
369Kb / 1P
   Radial Drum Core Inductors
RDC20 ALLIED-RDC20 Datasheet
361Kb / 1P
   Radial Drum Core Inductors
RDC50 ALLIED-RDC50 Datasheet
818Kb / 1P
   Radial Drum Core Inductors
RDC20-1R0T-RC ALLIED-RDC20-1R0T-RC Datasheet
788Kb / 1P
   Radial Drum Core Inductors
RDC30-1R0K-RC ALLIED-RDC30-1R0K-RC Datasheet
793Kb / 1P
   Radial Drum Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com