Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LS95 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74LS95
Description  4-bit Parallel Access Shift Registers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LS95 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74LS95 Datasheet HTML 1Page - Hitachi Semiconductor HD74LS95 Datasheet HTML 2Page - Hitachi Semiconductor HD74LS95 Datasheet HTML 3Page - Hitachi Semiconductor HD74LS95 Datasheet HTML 4Page - Hitachi Semiconductor HD74LS95 Datasheet HTML 5Page - Hitachi Semiconductor HD74LS95 Datasheet HTML 6Page - Hitachi Semiconductor HD74LS95 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DA
Conforms
0.23 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.70
± 0.20
0.12
0.15
0
° – 8°
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40
± 0.06


Similar Part No. - HD74LS95

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS95B HITACHI-HD74LS95B Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS95B RENESAS-HD74LS95B Datasheet
180Kb / 7P
   4-bit Parallel Access Shift Register
HD74LS95BFPEL RENESAS-HD74LS95BFPEL Datasheet
180Kb / 7P
   4-bit Parallel Access Shift Register
More results

Similar Description - HD74LS95

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS195A HITACHI-HD74LS195A Datasheet
95Kb / 7P
   4-bit Parallel-Access Shift Registers
logo
Texas Instruments
SN5495A TI-SN5495A Datasheet
281Kb / 8P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
logo
National Semiconductor ...
5495A NSC-5495A Datasheet
111Kb / 6P
   4-Bit Parallel Access Shift Registers
logo
Texas Instruments
SN54195 TI-SN54195 Datasheet
429Kb / 10P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN54178 TI-SN54178 Datasheet
220Kb / 6P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN54HC195 TI1-SN54HC195 Datasheet
232Kb / 10P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN74178N TI-SN74178N Datasheet
218Kb / 6P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
logo
National Semiconductor ...
DM54L95 NSC-DM54L95 Datasheet
105Kb / 4P
   4-Bit Parallel Access Shift Registers
logo
Texas Instruments
SN5495A TI1-SN5495A_14 Datasheet
525Kb / 14P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
   4-bit parallel-access shift register
1996 Mar 12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com