Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB1315 Datasheet(PDF) 1 Page - Allied Components International

Part # RB1315
Description  Radial Power Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RB1315 Datasheet(HTML) 1 Page - Allied Components International

  RB1315 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RB1315-100K-RC
RB1315-120K-RC
RB1315-220K-RC
RB1315-330K-RC
RB1315-470K-RC
RB1315-680K-RC
RB1315-101K-RC
RB1315-151K-RC
RB1315-221K-RC
RB1315-331K-RC
RB1315-471K-RC
RB1315-681K-RC
RB1315-102K-RC
RB1315-152K-RC
RB1315-222K-RC
RB1315-332K-RC
RB1315-472K-RC
RB1315-682K-RC
RB1315-103K-RC
10
12
22
33
47
68
100
150
220
330
470
680
1000
1500
2200
3300
4700
6800
10000
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
90
90
80
70
50
40
50
50
40
30
30
30
30
40
40
40
40
30
70
2.520
2.520
2.520
2.520
2.520
2.520
0.796
0.796
0.796
0.796
0.796
0.796
0.252
0.252
0.252
0.252
0.252
0.252
.0796
19
12
7.6
6.9
5.6
4.4
3.3
2.6
2.2
1.8
1.5
1.2
1.00
.83
.70
.60
.43
.38
.30
.023
.028
.035
.043
.052
.068
.097
0.14
0.20
0.30
0.43
0.61
1.00
1.30
2.00
3.10
4.40
6.50
10.0
5.1
4.5
4.2
3.7
3.4
3.0
2.5
2.1
1.7
1.4
1.1
.99
.78
.68
.55
.44
.37
.30
.24
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Q
Min.
Test Freq
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
Isat
(A)
(A)
All specifications subject to change without notice.
Radial Power Choke
RB1315
Dimensions:
Inches
(mm)
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
04/08/2014
.551
(14.0)
MAX.
.669
(17.0)
MAX.
.197±..020
(5.00±0.5)
.295±.020
(7.50±0.5)
.031±.002
(0.80±0.05)
Irms
12
9.5
8.2
6.8
5.7
4.8
3.9
3.2
2.7
2.1
1.8
1.5
1.2
1.0
.83
.69
.58
.46
.40
High Current
LOW DCR
Extensive Inductance Range
Features
Electrical
Inductance Range: 10uh ~ 10,000uh
Physical
Packaging: Bulk
Tolerance: 10% over entire range.
Test Frequency: as noted
Irms: Based on a temperature rise of
Marking: EIA Inductance Code
Operating Temperature: -55ºC to +
Isat: Based on Inductance change by
no more than 10% of initial value.
25ºC.
Temperature: Under no conditions
should the temperature of the part
exceed 125ºC
Test Equipment
Inductance: HP4363B
DCR: HP4263B + Current Source DCR
Meter
Current: 11021 Current Source & DCR
Meter
125ºC.
Max. Max.
Q
@ 1KHz
Extended Temperature Range


Similar Part No. - RB1315

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RB1314100ML ABC-RB1314100ML Datasheet
347Kb / 4P
   RADIAL INDUCTOR
RB1314101KL ABC-RB1314101KL Datasheet
347Kb / 4P
   RADIAL INDUCTOR
RB1314102KL ABC-RB1314102KL Datasheet
347Kb / 4P
   RADIAL INDUCTOR
RB1314103KL ABC-RB1314103KL Datasheet
347Kb / 4P
   RADIAL INDUCTOR
RB1314150ML ABC-RB1314150ML Datasheet
347Kb / 4P
   RADIAL INDUCTOR
More results

Similar Description - RB1315

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB5480-2 ALLIED-RB5480-2 Datasheet
481Kb / 1P
   Radial Power Choke
RB5480-4-3R9K-RC ALLIED-RB5480-4-3R9K-RC Datasheet
494Kb / 1P
   Radial Power Choke
RB5480-5-3R9K-RC ALLIED-RB5480-5-3R9K-RC Datasheet
504Kb / 1P
   Radial Power Choke
RB5480-1-3R9K-RC ALLIED-RB5480-1-3R9K-RC Datasheet
476Kb / 1P
   Radial Power Choke
RB5480-5 ALLIED-RB5480-5 Datasheet
504Kb / 1P
   Radial Power Choke
RB5480-3-3R9K-RC ALLIED-RB5480-3-3R9K-RC Datasheet
490Kb / 1P
   Radial Power Choke
RB5480-2-3R9K-RC ALLIED-RB5480-2-3R9K-RC Datasheet
481Kb / 1P
   Radial Power Choke
RB5480-4 ALLIED-RB5480-4 Datasheet
494Kb / 1P
   Radial Power Choke
RB895 ALLIED-RB895 Datasheet
318Kb / 1P
   Radial Power Choke
RB5480-1 ALLIED-RB5480-1 Datasheet
476Kb / 1P
   Radial Power Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com