Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB4P1010-121K- Datasheet(PDF) 1 Page - Allied Components International

Part # RB4P1010-121K-
Description  Radial Leaded 4 Pin Bobbin Coil
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RB4P1010-121K- Datasheet(HTML) 1 Page - Allied Components International

  RB4P1010-121K- Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RB4P1010-100M-_ _
RB4P1010-120M-_ _
RB4P1010-150M-_ _
RB4P1010-180M-_ _
RB4P1010-220K-_ _
RB4P1010-270K-_ _
RB4P1010-330K-_ _
RB4P1010-390K-_ _
RB4P1010-470K-_ _
RB4P1010-560K-_ _
RB4P1010-680K-_ _
RB4P1010-820K-_ _
RB4P1010-101K-_ _
RB4P1010-121K-_ _
RB4P1010-151K-_ _
RB4P1010-181K-_ _
RB4P1010-221K-_ _
RB4P1010-271K-_ _
RB4P1010-331K-_ _
RB4P1010-391K-_ _
RB4P1010-471K-_ _
RB4P1010-561K-_ _
RB4P1010-681K-_ _
RB4P1010-821K-_ _
Allied
Part
Number
*
Inductance
(
µh)
DCR
(Ohms)
Rated
(mA)
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
0.022
0.023
0.026
0.033
0.037
0.048
0.055
0.073
0.083
0.092
0.120
0.140
0.160
0.200
0.230
0.310
0.340
0.400
0.520
0.650
0.710
1.00
1.10
1.30
5300
4900
4400
4000
3600
3300
2900
2700
2500
2300
2100
1900
1700
1500
1400
1300
1100
1000
930
860
780
710
650
590
All specifications subject to change without notice.
Radial Leaded 4 Pin Bobbin Coil
RB4P1010
Electrical
Tolerance: As shown
others available.
For Power, RF and other applications
4 Pins Design for rugged mounting
UL Polyolefin Tubing Optional
Features
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
Dimensions: (mm)
Test Frequency: 10uh to 82uh @ 2.52MHz,
Physical
Packaging: 400pcs Tray 3200 / Ctn
Marking: none
08/07/2014
Test Freq
2.52MHz
2.52MHz
2.52MHz
2.52MHz
2.52MHz
2.52MHz
2.52MHz
2.52MHz
2.52MHz
2.52MHz
2.52MHz
2.52MHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
1KHz
Max
Current
Test Equipment
Inductance: HP4342A / HP4342A
DCR: CH-301 Current Source & DCR Meter
Rated Current: Current at which the
Inductance values will decrease by no more
Operating Temperature: -55ºC to +125ºC
Inductance Range: -10µh ~ 10,000µh
Current: CH-301 Current Source & DCR Meter
than 10% from initial value.
A: 10±0.5
B: 10±0.5
C: 3.5±1.0
D: 0.7+0.1/-0.05
E: 4.0±0.3
Tolerance
20%
20%
20%
20%
20%
20%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
RB4P1010-102K-_ _
1000
1.70
530
1KHz
10%
SRF
(MHz)
14
11
7.7
7.1
6.8
6.1
6.0
8.6
8.1
7.6
6.3
6.0
5.7
4.8
4.2
3.9
3.8
3.4
2.8
2.7
2.5
2.2
2.1
2.0
Min
1.7
* To add shrink tubing, add “ST” to part number.
F: 5.0±0.3
Current: 9461L


Similar Part No. - RB4P1010-121K-

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB40 ALLIED-RB40 Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB40-101K-RC ALLIED-RB40-101K-RC Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB40-101K-RC ALLIED-RB40-101K-RC Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB40-102K-RC ALLIED-RB40-102K-RC Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB40-102K-RC ALLIED-RB40-102K-RC Datasheet
753Kb / 1P
   Radial Bobbin Inductors
More results

Similar Description - RB4P1010-121K-

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB40 ALLIED-RB40 Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC Datasheet
836Kb / 1P
   Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC_10 Datasheet
839Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC_10 Datasheet
795Kb / 1P
   Radial Bobbin Inductors
RB0807 ALLIED-RB0807 Datasheet
383Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC Datasheet
781Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB0810 ALLIED-RB0810 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB40-101K-RC ALLIED-RB40-101K-RC Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB0810-100K-RC ALLIED-RB0810-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com