Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCSV54-100M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCSV54-100M-RC
Description  SMD SHIELDED POWER CHIP INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSV54-100M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCSV54-100M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD SHIELDED POWER CHIP INDUCTOR
15
RDC
(mΩ)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 07/02/12
Khz, 1V
All specifications subject to change without notice.
Irms
PCSV54-1R5T-RC
1.5
30
100
16
4.4
Features
• Magnetically Shielded Construction
Electrical
Test Equipment
Physical
Packaging: 1500 per Tape and reel
• Ultra Low Profile
Inductance Range: 1.5µh ~ 47µh (other
Tolerance: Available in 20% & 30% as noted
Operating Temp: -25ºC ~ +105ºC
Isat: Current at which the Inductance will drop
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC for 10 sec
(L): Agilent/HP4284A + Agilent/HP16334A
(RDC):
Chroma MilliOhm Meter Mode16502
Current: Isat: HP4284A + HP42841A
Marking: EIA Inductance Code
PCSV54
(A)
Isat
(A)
7.1
Irms: Based on a temp rise of
T = 40ºC
Solder Composition: Sn/Ag3.0/Cu0.5
values being added)
by no more then 30% of its initial value.
PCSV54-2R2T-RC
2.2
30
100
21
3.7
5.7
PCSV54-3R3T-RC
3.3
30
100
26
3.5
4.8
PCSV54-4R7M-RC
4.7
20
100
32
3.2
4.2
PCSV54-6R8M-RC
6.8
20
100
50
2.4
3.3
PCSV54-100M-RC
10
20
100
60
2.2
2.8
PCSV54-150M-RC
15
20
100
90
1.8
2.3
PCSV54-220M-RC
22
20
100
135
1.4
1.8
typical at 25ºC Ambient.
±30%
Typ.
Typ.
Marking
1R5
2R2
3R3
4R7
6R8
100
150
220
PCSV54-330M-RC
33
20
100
190
1.1
1.5
330
.197±.008
(5.0±0.2)
PCSV54-470M-RC
47
20
100
310
0.9
1.2
470
Irms: Agilent 6641 System DC Power Supply
Dimensions:
Inches
(mm)
.197±.008
(5.0±0.2)
.157±.008
(4.0±0.2)
.063±.012
(1.6±0.3)
.063±.012
(1.6±0.3)
.157 typ.
(4.0 typ.)


Similar Part No. - PCSV54-100M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV52-100M-RC ALLIED-PCSV52-100M-RC Datasheet
378Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV52-150M-RC ALLIED-PCSV52-150M-RC Datasheet
378Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV52-1R0T-RC ALLIED-PCSV52-1R0T-RC Datasheet
378Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV52-1R5T-RC ALLIED-PCSV52-1R5T-RC Datasheet
378Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCSV54-100M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV48 ALLIED-PCSV48 Datasheet
408Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCFV52 ALLIED-PCFV52 Datasheet
608Kb / 1P
   SMD Shielded Power Chip Inductor
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV35-1R0M-RC ALLIED-PCSV35-1R0M-RC Datasheet
339Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV65 ALLIED-PCSV65 Datasheet
632Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV49 ALLIED-PCSV49 Datasheet
424Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCHP54NF ALLIED-PCHP54NF Datasheet
1Mb / 3P
   SMD SHIELDED POWER CHIP INDUCTOR
PCIA49 ALLIED-PCIA49 Datasheet
522Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com