Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK105BJ474KV-F Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # LMK105BJ474KV-F
Description  High Value Multilayer Ceramic Capacitors (High dielectric type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LMK105BJ474KV-F Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  LMK105BJ474KV-F Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LMK105BJ474KV-F Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
13R3A05
RoHS compliance product
LMK105BJ474KV
10V 1005 X5R 0.47uF +/- 10% t=0.55mmMAX
10V 0402 X5R 0.47uF +/- 10% t=0.022inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification
LMK105BJ474KV
Capacitance Freq.
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
Frequency[MHz]
LMK105BJ474KV
DC Bias Char.
-100
-80
-60
-40
-20
0
20
024
68
10
DC Bias Voltage[V]
LMK105BJ474KV
Impedance,ESR Freq.
0.001
0.01
0.1
1
10
100
1000
10000
100000
0.001
0.01
0.1
1
10
100
1000
Frequency[MHz]
ESR
Z
LMK105BJ474KV
Capacitance Temp.
-30
-20
-10
0
10
-55
-35
-15
5
25
45
65
85
Temperature[degreeC]


Similar Part No. - LMK105BJ474KV-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LMK105BJ474MV-F TAIYO-YUDEN-LMK105BJ474MV-F Datasheet
288Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - LMK105BJ474KV-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LMK042BJ472MC-W TAIYO-YUDEN-LMK042BJ472MC-W Datasheet
288Kb / 2P
   Value Multilayer Ceramic Capacitors (High dielectric type)
LMK316F226ZL-T TAIYO-YUDEN-LMK316F226ZL-T Datasheet
312Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK107BJ105KA-T TAIYO-YUDEN-LMK107BJ105KA-T Datasheet
144Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK325BJ226MM-T TAIYO-YUDEN-LMK325BJ226MM-T Datasheet
144Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
CEJMK212BJ476MG-T TAIYO-YUDEN-CEJMK212BJ476MG-T Datasheet
137Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK105BJ105KV-F TAIYO-YUDEN-TMK105BJ105KV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK105BJ153MV-F TAIYO-YUDEN-TMK105BJ153MV-F Datasheet
311Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
GMK105BJ104MV-F TAIYO-YUDEN-GMK105BJ104MV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK063BJ472MP-F TAIYO-YUDEN-TMK063BJ472MP-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK063BJ223MP-F TAIYO-YUDEN-LMK063BJ223MP-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK105F473ZV-F TAIYO-YUDEN-EMK105F473ZV-F Datasheet
311Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com