Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCSLF0732 Datasheet(PDF) 1 Page - Allied Components International

Part # PCSLF0732
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSLF0732 Datasheet(HTML) 1 Page - Allied Components International

  PCSLF0732 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCSLF0732 Power Chip Shielded Inductors
15
RDC
(
Ω)±20%
IDC
(A)
Allied
Part
Number
Inductance
Tolerance
(%)
Test
Freq.
KHz,0.5v
PCSLF0732-2R2M-RC
PCSLF0732-3R3M-RC
PCSLF0732-4R7M-RC
PCSLF0732-6R8M-RC
PCSLF0732-100M-RC
PCSLF0732-150M-RC
PCSLF0732-220M-RC
PCSLF0732-330M-RC
PCSLF0732-470M-RC
PCSLF0732-680M-RC
2.2
3.3
4.7
6.8
10
15
22
33
47
68
20
20
20
20
20
20
20
20
20
20
1
1
1
1
1
1
1
1
1
1
.018
.023
.036
.041
.053
.075
0.11
0.16
0.24
0.31
2.1
1.9
1.7
1.6
1.4
1.1
.75
.67
.59
All specifications subject to change without notice.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
(uH)
REVISED 12/12/08
PCSLF0732-101M-RC
PCSLF0732-151M-RC
PCSLF0732-221M-RC
PCSLF0732-331M-RC
PCSLF0732-471M-RC
PCSLF0732-681M-RC
PCSLF0732-102M-RC
100
150
220
330
470
680
1000
20
20
20
20
20
20
20
1
1
1
1
1
1
1
0.45
0.65
1.05
1.67
2.05
3.15
4.78
.45
.37
.29
.22
.20
.16
.13
.96
Features
• Shielded SMD Power Inductor
• Low profile
• Low Power loss and High current
Electrical
Inductance Range: 2.2µh to 1000µh
Tolerance: 20% over entire range
Operating Temp: -40ºC ~ +85ºC
Test Equipment
(L): HP 4192A LF Impedance Analyzer
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 1000 pieces per 13 inch reel.
• Suitable for high current applications
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC for 10 sec. ± 1 sec.
(RDC): Chen Hwa 502BC
(IDC): HP4284A + HP42841A /
Marking: EIA Inductance Code
IDC: Current at which inductance
drops by 10% of intial value
Chen Hwa 1061+301A
Dimensions:
Inches
(mm)


Similar Part No. - PCSLF0732

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSLF0730 ALLIED-PCSLF0730 Datasheet
338Kb / 1P
   Power Chip Shielded Inductors
PCSLF0730-100M-RC ALLIED-PCSLF0730-100M-RC Datasheet
338Kb / 1P
   Power Chip Shielded Inductors
PCSLF0730-101M-RC ALLIED-PCSLF0730-101M-RC Datasheet
338Kb / 1P
   Power Chip Shielded Inductors
PCSLF0730-150M-RC ALLIED-PCSLF0730-150M-RC Datasheet
338Kb / 1P
   Power Chip Shielded Inductors
PCSLF0730-220M-RC ALLIED-PCSLF0730-220M-RC Datasheet
338Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCSLF0732

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com