Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCSFW189-4R5M Datasheet(PDF) 1 Page - Allied Components International

Part # PCSFW189-4R5M
Description  Shielded Power Choke Flat Wire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSFW189-4R5M Datasheet(HTML) 1 Page - Allied Components International

  PCSFW189-4R5M Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shielded Power Choke Flat Wire
PCSFW189
15
DCR
(mΩ)
Isat
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCSFW189-6R8M
PCSFW189-8R2M
1.9
6.8
8.2
20
20
20
100
100
100
1.5
4.1
6.9
30.0
27.0
21.5
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
PCSFW189-150M
15.0
20
100
12.0
14.0
(A)
KHz,1v
All specifications subject to change without notice.
03/28/14
(L)
Typ @
1.75
5.34
6.54
12.87
Max
Max.
PCSFW189-4R5M
4.5
20
100
3.7
24.0
PCSFW189-100M
10.0
20
100
8.0
21.5
7.84
PCSFW189-220M
22.0
20
100
14.6
11.0
16.77
Features
• Magnetically shielded construction
• Expanding operating temp range
Electrical
Inductance Range: 1.9µH to 22µH
Tolerance: 20% over entire range,
Operating Temp: -40ºC ~ +125ºC
Test Equipment
(L): HP 4284A LCR meter or equivalent
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 200 pieces per reel.
• High saturation current up to 30A
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC
(DCR): Chenwa 502, Ohm meter
Marking:
EIA Inductance Code
Part temperature should not exceed 125ºC
including temperature rise.
Test Frequency: 100KHz, 0.1v
• Low DCR resistance
• Suitable for pick and place
Immersion Time: 10 sec. ± 1 sec.
Additional values available
Storage Temp: -40ºC ~ +125ºC
(Isat): HP4284A with HP42841A
Current source
Available in tighter tolerances
PCSFW189-1R9M
E
Allied
Part
Number
A
B
(Max)
C
PCSFW189-6R8M
PCSFW189-8R2M
21.0
18.5
18.5
18.7
18.7
18.7
10.0
9.3
9.3
3.0
3.2
3.2
PCSFW189-150M
18.8
18.7
9.3
3.2
6.0
6.0
6.0
PCSFW189-4R5M
21.0
18.7
9.8
4.0
6.0
PCSFW189-100M
18.8
18.7
9.3
3.2
6.0
PCSFW189-220M
19.3
18.7
9.3
6.0
PCSFW189-1R9M
All specifications subject to change without notice.
(Max)
(Max)
F
(± 0.5)
H
(Ref)
I
(Ref)
3.5
6.0
6.0
J
(Ref)
7.3
5.0
6.0
7.3
3.5
6.0
7.3
3.5
6.0
7.3
3.5
6.0
7.3
6.0
7.3
3.5
3.2
6.0
7.3
3.5
PAD LAYOUT
BOTTOM VIEW
PAD LAYOUT
BOTTOM VIEW
Isat Ω
(Ref)
3.54
Dimensions in mm


Similar Part No. - PCSFW189-4R5M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSFW104B ALLIED-PCSFW104B Datasheet
595Kb / 1P
   SMD Shielded Flat Wire Power Choke
PCSFW104B-100M ALLIED-PCSFW104B-100M Datasheet
595Kb / 1P
   SMD Shielded Flat Wire Power Choke
PCSFW104B-1R0M ALLIED-PCSFW104B-1R0M Datasheet
595Kb / 1P
   SMD Shielded Flat Wire Power Choke
PCSFW104B-1R5M ALLIED-PCSFW104B-1R5M Datasheet
595Kb / 1P
   SMD Shielded Flat Wire Power Choke
PCSFW104B-2R2M ALLIED-PCSFW104B-2R2M Datasheet
595Kb / 1P
   SMD Shielded Flat Wire Power Choke
More results

Similar Description - PCSFW189-4R5M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSFW420 ALLIED-PCSFW420 Datasheet
630Kb / 1P
   SMD Shielded Flat Wire Power Choke
PCSFW104B ALLIED-PCSFW104B Datasheet
595Kb / 1P
   SMD Shielded Flat Wire Power Choke
PCSFW530 ALLIED-PCSFW530 Datasheet
618Kb / 1P
   SMD Shielded Flat Wire Power Choke
PCSFW630 ALLIED-PCSFW630 Datasheet
653Kb / 1P
   SMD Shielded Flat Wire Power Choke
PCSFW630B ALLIED-PCSFW630B Datasheet
624Kb / 1P
   SMD Shielded Flat Wire Power Choke
FWECY1390 ALLIED-FWECY1390 Datasheet
688Kb / 1P
   Shielded Flat Wire Power Inductor
PCS1087 ALLIED-PCS1087 Datasheet
1Mb / 7P
   Power Choke Shielded
logo
Frontier Electronics.
CSN0410H FRONTIER-CSN0410H Datasheet
158Kb / 2P
   SMD Power Choke (Shielded)
CSH1260ER FRONTIER-CSH1260ER Datasheet
132Kb / 1P
   SMD Power Choke (Shielded)
logo
Coilcraft lnc.
A9860 COILCRAFT-A9860_15 Datasheet
394Kb / 2P
   Flat Wire Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com