Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSR16-MS116 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PSR16-MS116
Description  PSR - The compact range
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSR16-MS116 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PSR16-MS116 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSR16-MS116 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSR16-MS116 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSR16-MS116 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSR16-MS116 Datasheet HTML 5Page - List of Unclassifed Manufacturers PSR16-MS116 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10 | Softstarters
Softstarters | 11
PSR – The compact range
Ordering details
PSR3 ... PSR105
Rated operational voltage U
e, 208-600 V AC
Rated control supply voltage, U
s, 100 - 240 V AC
230 V
kW
400 V
kW
500 V
kW
208 V
hp
230 V
hp
480 V
hp
600 V
hp
UL/CSA
Max rated
operational
current I
e
A
Part number
Weight
kg (lb)
0.75
1.5
2.2
0.5
0.75
2
2
3.4
PSR3-600-70
0.450 (0.99)
1.5
3
4
1
1.5
3
5
6.1
PSR6-600-70
0.450 (0.99)
2.2
4
4
2
2
5
7.5
9
PSR9-600-70
0.450 (0.99)
3
5.5
5.5
3
3
7.5
10
11
PSR12-600-70
0.450 (0.99)
4
7.5
7.5
3
5
10
10
15.2
PSR16-600-70
0.450 (0.99)
5.5
11
15
7.5
7.5
15
20
24.2
PSR25-600-70
0.650 (1.43)
7.5
15
18.5
7.5
10
20
25
28
PSR30-600-70
0.650 (1.43)
7.5
18.5
22
10
10
25
30
34
PSR37-600-70
1.000 (2.20)
11
22
30
15
15
30
40
46.2
PSR45-600-70
1.000 (2.20)
15
30
37
20
20
40
50
59.4
PSR60-600-70
2.200 (4.85)
22
37
45
20
25
50
60
68
PSR72-600-70
2.270 (5.00)
22
45
55
25
30
60
75
80
PSR85-600-70
2.270 (5.00)
30
55
55
30
40
75
100
104
PSR105-600-70
2.270 (5.00)
Rated operational voltage U
e, 208-600 V AC
Rated control supply voltage, U
s, 24 V DC
0.75
1.5
2.2
0.5
0.75
2
2
3.4
PSR3-600-81
0.450 (0.99)
1.5
3
4
1
1.5
3
5
6.1
PSR6-600-81
0.450 (0.99)
2.2
4
4
2
2
5
7.5
9
PSR9-600-81
0.450 (0.99)
3
5.5
5.5
3
3
7.5
10
11
PSR12-600-81
0.450 (0.99)
4
7.5
7.5
3
5
10
10
15.2
PSR16-600-81
0.450 (0.99)
5.5
11
15
7.5
7.5
15
20
24.2
PSR25-600-81
0.650 (1.43)
7.5
15
18.5
7.5
10
20
25
28
PSR30-600-81
0.650 (1.43)
7.5
18.5
22
10
10
25
30
34
PSR37-600-81
1.000 (2.20)
11
22
30
15
15
30
40
46.2
PSR45-600-81
1.000 (2.20)
15
30
37
20
20
40
50
59.4
PSR60-600-81
2.200 (4.85)
22
37
45
20
25
50
60
68
PSR72-600-81
2.270 (5.00)
22
45
55
25
30
60
75
80
PSR85-600-81
2.270 (5.00)
30
55
55
30
40
75
100
104
PSR105-600-81
2.270 (5.00)
PSR3 ... PSR16
PSR25 ... PSR30
PSR37 ... PSR45
PSR60 ... PSR105


Similar Part No. - PSR16-MS116

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PSR1609N08S3K MALLORY-PSR1609N08S3K Datasheet
107Kb / 1P
   Sales Outline Drawing
logo
List of Unclassifed Man...
PSR1635-14 ETC2-PSR1635-14 Datasheet
42Kb / 1P
   SPECIFICATION DRAWING FOR BULK CABLE, 2.54MM PITCH, COND. 1 TINNED, MATCHING STANDARD AMP REQUIREMENTS MATCHING STANDARD AMP REQUIREMENTS
PSR1636-36 ETC2-PSR1636-36 Datasheet
47Kb / 1P
   SPECIFICATION DRAWING FOR BULK CABLE, 1.27MM PITCH, COND.1 TINNED MATCHING STANDARD AMP REQUIREMENTS FOR .050 CENTERLINE FFC
logo
Mallory Sonalert Produc...
PSR16N08AK MSPI-PSR16N08AK Datasheet
209Kb / 1P
   Sales Outline Drawing
More results

Similar Description - PSR16-MS116

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS281 ISOCOM-IS281 Datasheet
751Kb / 4P
   IS281 ( Compact Range )
logo
PHOENIX CONTACT
2904950 PHOENIX-2904950 Datasheet
379Kb / 21P
   PSR-MS20 / PSR-MS25
logo
ISOCOM COMPONENTS
IS2801-1 ISOCOM-IS2801-1 Datasheet
754Kb / 4P
   IS2801-1 ( Compact Range )
IS180 ISOCOM-IS180 Datasheet
749Kb / 4P
   IS180 Input (Compact Range)
logo
Wabash Transformer Inc.
PST-24-10 WABASH-PST-24-10 Datasheet
625Kb / 2P
   The Compact Power Transformer
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
P24T-24-24 WABASH-P24T-24-24 Datasheet
511Kb / 1P
   The Compact Isolation Transformer
P24L-24-24 WABASH-P24L-24-24 Datasheet
440Kb / 1P
   The Compact Isolation Transformer
logo
PHOENIX CONTACT
2700357 PHOENIX-2700357 Datasheet
264Kb / 14P
   PSR-PS21
2700356 PHOENIX-2700356 Datasheet
267Kb / 14P
   PSR-PS20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com