Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSR37-600-81 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PSR37-600-81
Description  PSR - The compact range
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSR37-600-81 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PSR37-600-81 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSR37-600-81 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSR37-600-81 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSR37-600-81 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSR37-600-81 Datasheet HTML 5Page - List of Unclassifed Manufacturers PSR37-600-81 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
12 | Softstarters
Softstarters | 13
PSR – The compact range
Technical data
Number of starts per hour using PSR softstarters
Motor
current
Starts/hour without auxiliary fan
Starts/hour with auxiliary fan
I
e
10
20
30
40
50
60
80
100
10
20
30
40
50
60
80
100
3 A
PSR3
PSR6
PSR3
6 A
PSR6
PSR9
PSR6
PSR9
9 A
PSR9
PSR12
PSR16 PSR25
PSR9
PSR12
12 A
PSR12
PSR16
PSR25
PSR30
PSR12
PSR16
PSR25
16 A
PSR16
PSR25
PSR30
PSR37
PSR16
PSR25
PSR30
25 A
PSR25 PSR30
PSR37
PSR45
PSR60
PSR25
PSR30
PSR37
PSR45
30 A
PSR30
PSR37
PSR45
PSR60
PSR72
PSR30
PSR37
PSR45
37 A
PSR37
PSR45
PSR60
PSR72 PSR85 PSR105
PSR37
PSR45
PSR60
45 A
PSR45
PSR60
PSR72 PSR85 PSR105
-
PSR45
PSR60
PSR72
60 A
PSR60
PSR72 PSR85
PSR105
-
-
PSR60
PSR72
PSR85 PSR105
-
72 A
PSR72 PSR85
PSR105
-
-
-
-
PSR72
PSR85
PSR105
-
-
85 A
PSR85
PSR105
-
-
-
-
-
PSR85
PSR105
-
-
-
-
105 A PSR105
-
-
-
-
-
-
-
PSR105
-
-
-
-
-
-
Data based on an ambient temperature of 40 °C (104 ºF), starting current of 4 x I
e and ramp time 6 seconds.
For more optimized selections, or to use PSR for heavy duty starts, please use the softstarter selection program, ProSoft.


Similar Part No. - PSR37-600-81

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PSR37N45SK MSPI-PSR37N45SK Datasheet
165Kb / 1P
   Sales Outline Drawing
More results

Similar Description - PSR37-600-81

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS281 ISOCOM-IS281 Datasheet
751Kb / 4P
   IS281 ( Compact Range )
logo
PHOENIX CONTACT
2904950 PHOENIX-2904950 Datasheet
379Kb / 21P
   PSR-MS20 / PSR-MS25
logo
ISOCOM COMPONENTS
IS2801-1 ISOCOM-IS2801-1 Datasheet
754Kb / 4P
   IS2801-1 ( Compact Range )
IS180 ISOCOM-IS180 Datasheet
749Kb / 4P
   IS180 Input (Compact Range)
logo
Wabash Transformer Inc.
PST-24-10 WABASH-PST-24-10 Datasheet
625Kb / 2P
   The Compact Power Transformer
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
P24T-24-24 WABASH-P24T-24-24 Datasheet
511Kb / 1P
   The Compact Isolation Transformer
P24L-24-24 WABASH-P24L-24-24 Datasheet
440Kb / 1P
   The Compact Isolation Transformer
logo
PHOENIX CONTACT
2700357 PHOENIX-2700357 Datasheet
264Kb / 14P
   PSR-PS21
2700356 PHOENIX-2700356 Datasheet
267Kb / 14P
   PSR-PS20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com