Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBCW66GLT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # SBCW66GLT1G
Description  General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBCW66GLT1G Datasheet(HTML) 3 Page - ON Semiconductor

  SBCW66GLT1G Datasheet HTML 1Page - ON Semiconductor SBCW66GLT1G Datasheet HTML 2Page - ON Semiconductor SBCW66GLT1G Datasheet HTML 3Page - ON Semiconductor SBCW66GLT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BCW66GLT1G, SBCW66GLT1G
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 3. DC Current Gain vs. Collector
Current
Figure 4. Saturation Region
IC, COLLECTOR CURRENT (mA)
IB, BASE CURRENT (mA)
1000
100
10
1
0.1
0.01
0.001
10
100
1000
100
10
1
0.1
0
0.2
0.6
0.8
1.0
1.4
1.8
2.0
Figure 5. Base−Emitter Turn−On Voltage vs.
Collector Current
Figure 6. Capacitance
IC, COLLECTOR CURRENT (mA)
VR, REVERSE VOLTAGE (V)
1000
100
10
1
0.1
0.2
0.3
0.4
0.5
0.7
0.8
0.9
1.0
100
10
1
0.1
1
10
100
Figure 7. Current Gain Bandwidth Product vs.
Collector Current
Figure 8. Safe Operating Area
IC, COLLECTOR CURRENT (mA)
VCE, COLLECTOR EMITTER VOLTAGE (V)
1000
100
10
1
0.1
10
100
1000
100
10
1
1
10
100
1000
10,000
VCE = 2 V
TA = −55°C
TA = 25°C
TA = 150°C
0.4
1.2
1.6
TA = 25°C
IC = 800 mA
500 mA
200 mA
100 mA
0.6
VCE = 2 V
TA = −55°C
TA = 25°C
TA = 150°C
f = 1 MHz
Cibo
Cobo
VCE = 2 V
TA = 25°C
1 s
100 ms
10 ms
1 ms
0.1 ms,
0.01 ms
Single Pulse Test at TA = 25°C


Similar Part No. - SBCW66GLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBCW66GLT1G ONSEMI-SBCW66GLT1G Datasheet
88Kb / 4P
   General Purpose Transistor
October, 2016 ??Rev. 6
More results

Similar Description - SBCW66GLT1G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com