Electronic Components Datasheet Search |
|
PSR37-600-70 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
PSR37-600-70 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 6 page 12 | Softstarters Softstarters | 13 PSR – The compact range Technical data Rated insulation voltage U i 600 V Rated operational voltage U e 208...600 V +10 %/-15 %, 50/60 Hz ±5 % Rated control supply voltage U s 100...240 V AC, 50/60Hz ±5 % or 24 V DC, +10 %/-15 %, Power consumption PSR3 PSR6 PSR9 PSR12 PSR16 PSR25 PSR30 PSR37 PSR45 PSR60 PSR72 PSR85 PSR105 Supply circuit at 100-240 V AC 12 VA 10 VA at 24 V DC 5 W Max. Power loss at rated I e PSR3 PSR6 PSR9 PSR12 PSR16 PSR25 PSR30 PSR37 PSR45 PSR60 PSR72 PSR85 PSR105 0.7 W 2.9 W 6.5 W 11.5 W 20.5 W 25 W 36 W 5.5 W 8.1 W 3.6 W 5.2 W 7.2 W 6.6 W Starting capacity at I r 4 x Ir for 6 sec. Number of starts per hour See table on page 13. standard 10 1) with aux. fan 20 1) Service factor 100 % Ambient temperature during operation -25 ºC to + 60 ºC (-13 to 140 ºF) 2) during storage -40 ºC to + 70 ºC (-40 to 158 ºF) Maximum altitude 4000 m (13123 ft) 3) Degree of protection PSR3 PSR6 PSR9 PSR12 PSR16 PSR25 PSR30 PSR37 PSR45 PSR60 PSR72 PSR85 PSR105 main circuit IP20 IP10 control circuit IP20 Connection PSR3-PSR16 PSR25-PSR30 PSR37-PSR45 PSR60-PSR105 main circuit cable area 1 x 2.5mm2 1 x 2.5 - 10 mm2 1 x 6 - 35 mm2 1 x 10 - 95 mm2 1 x 14 AWG 1 x 12 - 8 AWG 1 x 8 - 4 AWG 1 x 6 - 2/0 AWG tightening torrque 1 Nm - 9 lb.in 2.3 Nm - 20 lb.in 4.0 Nm - 35 lb.in 8.0 Nm - 71 lb.in PSR3-PSR16 PSR25-PSR105 control circuit cable area 1 x 1.5 - 2.5 mm2 1 x 1.5 - 2.5 mm2 2 x 1.5 mm2 2 x 1.5 mm2 1 x 16 - 14 AWG 1 x 16 -14 AWG 2 x 16 AWG 2 x 16 AWG tightening torque 1 Nm - 9 lb.in 0.6 Nm - 5 lb.in Signal relays PSR3-PSR16 PSR25-PSR105 for Run signal Resistive load 240 V AC, 3 A / 24 V DC, 3 A 240 V AC, 3 A / 24 V DC, 3 A AC-15 (Contactor) 240 V AC, 0.5 A / 24 V DC, 0.5 A 240 V AC, 0.5 A / 24 V DC, 0.5 A for Top ramp signal Resistive load - 240 V AC, 3 A / 24 V DC, 3 A AC-15 (Contactor) - 240 V AC, 0.5 A / 24 V DC, 0.5 A LED for On/Ready Green for Run/Top Of Ramp Green Settings Ramp time during start 1-20 sec. Ramp time during stop 0-20 sec. Initial- and End Voltage 40-70% 1) Valid for 50 % on time and 50 % off time. 4 x I e for 6 sec., if other data is required, contact your sales office. 2) Above 40 ºC (104 ºF) up to max. 60 ºC (140 ºF) reduce the rated current with 0.8 % per ºC (0.44 % per ºF). 3) When used at high altitudes above 1000 meters (3281 ft) up to 4000 meters (13123 ft) you need to derate the rated current using the following formula. [ % of I e = 100 - x - 1000 ] x = actual altitude for the softstarter in meter 150 [ % of I e = 100 - x - 3280 ] x = actual altitude for the softstarter in feet 497 |
Similar Part No. - PSR37-600-70 |
|
Similar Description - PSR37-600-70 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |