Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSR3-600-70 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PSR3-600-70
Description  PSR - The compact range
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSR3-600-70 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PSR3-600-70 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSR3-600-70 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSR3-600-70 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSR3-600-70 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSR3-600-70 Datasheet HTML 5Page - List of Unclassifed Manufacturers PSR3-600-70 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8 | Softstarters
Softstarters | 9
PSR – The compact range
Overview
PSR3 ... PSR16
PSR25 ... PSR30 PSR37 ... PSR45
PSR60 ... PSR105
Softstarter
Normal start
In-line connected
PSR3
PSR6
PSR9
PSR12
PSR16
PSR25
PSR30
PSR37
PSR45
PSR60
PSR72
PSR85
PSR105
(480 V) hp 2
3
5
7.5
10
15
20
25
30
40
50
60
75
(600 V) hp 2
5
7.5
10
10
20
25
30
40
50
60
75
100
UL/CSA, Max FLA 3.4
6.1
9
11
15.2
24.2
28
34
46.2
59.4
68
80
104
Using manual motor starter,
type 1 coordination will be
achieved
Manual motor starter (5 kA/600 V, 40 ºC)
MS116
MS132
MS450
MS495
J type fuse protection (85 kA)
5 A
10 A
15 A
15 A
25 A
40 A
45 A
50 A
80 A
100 A
110 A
125 A
175 A
35 A
35 A
35 A
35 A
35 A
60 A
60 A
90 A
90 A
110 A
125 A
150 A
200 A
Minimum enclosure size 1)
254 x 204 x 153 mm / 10 x 8 x 6 in
305 x 254 x 204 mm / 12 x 10 x 8 in
600 x 400 x 210 mm / 24 x 16 x 8 in
Fusible disconnect switch
for the above J fuses
Fusible disconnect switch
OS30
OS60
OS100
OS200
Overload protection is used
to protect the motor from
over heating
Thermal overload relay
TF42DU
TA75DU
TA110DU
The line contactor is not
required for the softstarter
itself but often used to open
if OL trips
Line contactor
AF9
AF12
AF16
AF26
AF30
AF50
AF63
AF75
AF95
AF110
Using by-pass will reduce
the power loss and allow
more starts per hour
By-pass
Built-in
175 % rating
Max rating
Using J fuses, type 1
coordination will be
achieved
1)
Enclosure that has two latching points minimum. For use in pollution degree 2 environment.


Similar Part No. - PSR3-600-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSR3 ETC2-PSR3 Datasheet
421Kb / 7P
   Softstarters
logo
Protek Devices
PSR3.3 PROTEC-PSR3.3 Datasheet
478Kb / 6P
   ultra low capacitance steering diode/tvs array
PSR3.3 PROTEC-PSR3.3_12 Datasheet
479Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
logo
Mallory Sonalert Produc...
PSR30F64SK MSPI-PSR30F64SK Datasheet
176Kb / 1P
   Sales Outline Drawing
PSR30N08AK MSPI-PSR30N08AK Datasheet
179Kb / 1P
   Sales Outline Drawing
More results

Similar Description - PSR3-600-70

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS281 ISOCOM-IS281 Datasheet
751Kb / 4P
   IS281 ( Compact Range )
logo
PHOENIX CONTACT
2904950 PHOENIX-2904950 Datasheet
379Kb / 21P
   PSR-MS20 / PSR-MS25
logo
ISOCOM COMPONENTS
IS2801-1 ISOCOM-IS2801-1 Datasheet
754Kb / 4P
   IS2801-1 ( Compact Range )
IS180 ISOCOM-IS180 Datasheet
749Kb / 4P
   IS180 Input (Compact Range)
logo
Wabash Transformer Inc.
PST-24-10 WABASH-PST-24-10 Datasheet
625Kb / 2P
   The Compact Power Transformer
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
P24T-24-24 WABASH-P24T-24-24 Datasheet
511Kb / 1P
   The Compact Isolation Transformer
P24L-24-24 WABASH-P24L-24-24 Datasheet
440Kb / 1P
   The Compact Isolation Transformer
logo
PHOENIX CONTACT
2700357 PHOENIX-2700357 Datasheet
264Kb / 14P
   PSR-PS21
2700356 PHOENIX-2700356 Datasheet
267Kb / 14P
   PSR-PS20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com