Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL123-07N Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL123-07N
Description  Low Skew Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123-07N Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL123-07N Datasheet HTML 1Page - Micrel Semiconductor PL123-07N Datasheet HTML 2Page - Micrel Semiconductor PL123-07N Datasheet HTML 3Page - Micrel Semiconductor PL123-07N Datasheet HTML 4Page - Micrel Semiconductor PL123-07N Datasheet HTML 5Page - Micrel Semiconductor PL123-07N Datasheet HTML 6Page - Micrel Semiconductor PL123-07N Datasheet HTML 7Page - Micrel Semiconductor PL123-07N Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PL123-05N/-09N
Low Skew Fanout Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com
Rev 03/15/12 Page 3
ABSOLUTE M AXIM UM CONDITIONS
Supply Voltage to Ground Potential ...... –0.5V to 4.6V
DC Input Voltage ............................VSS – 0.5V to 4.6V
Storage Temperature ..........................–65°C to 150°C
Junction Temperature………………………….. 150°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015)…………..> 2000V
OPERATING CONDITIONS
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
1.62
3.63
V
TA
Commercial Operating Temperature (ambient temperature)
0
70
C
Industrial Operating Temperature (ambient te mperature)
-40
85
C
CL
Load Capacitance, below 100 MHz, VDD > 2.25V
30
pF
Load Capacitance, above 100 MHz, VDD > 2.25V
10
pF
Load Capacitance, below 67MHz, 1.62V < VDD < 2.25V
15
pF
CIN
Input Capacitance
7
pF
REF, CLK[1:9]
Operating Frequency, Input=Output, VDD > 2.25V
DC
134
MHz
Operating Frequency, Input=Output, 1.62V < VDD < 2.25V
DC
67
MHz
tPU
Power-up time for all VDDs to reach minimum specified voltage
(power ramps must be monotonic)
0.05
50
ms


Similar Part No. - PL123-07N

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL123-05 MICREL-PL123-05 Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05HSC MICREL-PL123-05HSC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05HSC MICREL-PL123-05HSC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05HSC-R MICREL-PL123-05HSC-R Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05HSC-R MICREL-PL123-05HSC-R Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
More results

Similar Description - PL123-07N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3M8304C ONSEMI-NB3M8304C Datasheet
84Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
logo
Integrated Circuit Syst...
ICS8343I ICST-ICS8343I Datasheet
104Kb / 9P
   LOW SKEW 1-TO-16 FANOUT BUFFER
ICS8343 ICST-ICS8343 Datasheet
185Kb / 7P
   Low Skew 1-to-16 Fanout Buffer
logo
Integrated Device Techn...
ICS83210 IDT-ICS83210 Datasheet
173Kb / 9P
   LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
ICS83947I ICST-ICS83947I Datasheet
131Kb / 9P
   LOW SKEW, 1-TO-9 LVCMOS FANOUT BUFFER
logo
Integrated Device Techn...
83947I IDT-83947I Datasheet
106Kb / 10P
   Low Skew, 1-to-9 LVCMOS Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com