Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EHP-A22-GT35H-P01-57K Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # EHP-A22-GT35H-P01-57K
Description  LM-80 Certified
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-A22-GT35H-P01-57K Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button EHP-A22-GT35H-P01-57K Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 9Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 10Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 11Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 12Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 13Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 14Page - Everlight Electronics Co., Ltd EHP-A22-GT35H-P01-57K Datasheet HTML 15Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LifecyclePhase:
Revision
: 7
Expired Period: Forever
Release Date:2013-08-28 13:15:43.0
DATASHEET
EHP- A22
1W/5S Series
11 Copyright © 2011, Everlight All Rights Reserved. Release Date: Aug.15.2013. Issue No: DHE-0001811
www.everlight.com
Cool-White Bin Structure
5000K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.346
0.369
0.338
0.362
0.345
0.356
0.337
0.349
0.353
0.362
0.345
0.356
50K-1
0.355
0.376
50K-2
0.346
0.369
Reference Range: 4745~5000K
Reference Range: 5000~5310K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.345
0.356
0.337
0.349
0.344
0.343
0.337
0.337
0.352
0.349
0.344
0.343
50K-4
0.353
0.362
50K-3
0.345
0.356
Reference Range: 4745~5000K
Reference Range: 5000~5310K
5700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.329
0.354
0.321
0.346
0.329
0.342
0.322
0.335
0.337
0.349
0.329
0.342
57K-1
0.338
0.362
57K-2
0.329
0.354
Reference Range: 5310~5700K
Reference Range: 5700~6020K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.329
0.342
0.322
0.335
0.329
0.331
0.322
0.324
0.337
0.337
0.329
0.331
57K-4
0.337
0.349
57K-3
0.329
0.342
Reference Range: 5310~5700K
Reference Range: 5700~6020K


Similar Part No. - EHP-A22-GT35H-P01-57K

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A22-GT35H-P01-50K EVERLIGHT-EHP-A22-GT35H-P01-50K Datasheet
895Kb / 29P
   LM-80 Certified
More results

Similar Description - EHP-A22-GT35H-P01-57K

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAHP3045OA1 EVERLIGHT-EAHP3045OA1 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP1215WA1 EVERLIGHT-EAHP1215WA1 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP2024WA5 EVERLIGHT-EAHP2024WA5 Datasheet
1Mb / 23P
   LM-80 Certified
EAHP3045RA5 EVERLIGHT-EAHP3045RA5 Datasheet
916Kb / 23P
   LM-80 Certified
EAHP3045YA2 EVERLIGHT-EAHP3045YA2 Datasheet
856Kb / 23P
   LM-80 Certified
EAHP1215WA2 EVERLIGHT-EAHP1215WA2 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP3045BA0 EVERLIGHT-EAHP3045BA0 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP3045GA0 EVERLIGHT-EAHP3045GA0 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP3045OA0 EVERLIGHT-EAHP3045OA0 Datasheet
890Kb / 23P
   LM-80 Certified
EAHP3535BA0 EVERLIGHT-EAHP3535BA0 Datasheet
875Kb / 23P
   LM-80 Certified
EAHP1215WB9 EVERLIGHT-EAHP1215WB9 Datasheet
1Mb / 24P
   LM-80 Certified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com