Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LS48 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 74LS48
Description  BCD-to-Seven-Segment Decoder Driver(Internal Pull-up outputs)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74LS48 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  74LS48 Datasheet HTML 1Page - Hitachi Semiconductor 74LS48 Datasheet HTML 2Page - Hitachi Semiconductor 74LS48 Datasheet HTML 3Page - Hitachi Semiconductor 74LS48 Datasheet HTML 4Page - Hitachi Semiconductor 74LS48 Datasheet HTML 5Page - Hitachi Semiconductor 74LS48 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DA
Conforms
0.23 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.70
± 0.20
0.12
0.15
0
° – 8°
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40
± 0.06


Similar Part No. - 74LS48

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS48 MOTOROLA-74LS48 Datasheet
100Kb / 3P
   BCD TO 7-SEGMENT DECODER
logo
Texas Instruments
74LS48 TI-74LS48 Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
National Semiconductor ...
74LS48 NSC-74LS48 Datasheet
116Kb / 6P
   BCD to 7-Segment Decoder
More results

Similar Description - 74LS48

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS248 RENESAS-HD74LS248 Datasheet
95Kb / 7P
   BCD-to-Seven-Segment Decoder / Driver (internal pull-up outputs)
HD74LS48 RENESAS-HD74LS48 Datasheet
177Kb / 7P
   BCD-to-Seven-Segment Decoder / Driver (Internal Pull-up outputs)
logo
Hitachi Semiconductor
HD74LS248 HITACHI-HD74LS248 Datasheet
92Kb / 7P
   BCD-to-Seven-Segment Decoders/Drivers(internal pull-up outputs)
logo
Intersil Corporation
CA3161 INTERSIL-CA3161 Datasheet
17Kb / 4P
   BCD to Seven Segment Decoder/Driver
August 1997
logo
Renesas Technology Corp
CA3161 RENESAS-CA3161 Datasheet
264Kb / 3P
   BCD to Seven Segment Decoder/Driver
Aug 1997
logo
List of Unclassifed Man...
74248 ETC1-74248 Datasheet
75Kb / 1P
   BCD- to-Seven- Segment Decoder /Driver
logo
Hitachi Semiconductor
HD74LS47 HITACHI-HD74LS47 Datasheet
98Kb / 7P
   BCD-to-Seven Segment Decoder Driver(with 15V outputs)
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com