Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-65855NL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PE-65855NL
Description  Surface Mount Common Mode Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-65855NL Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PE-65855NL Datasheet HTML 1Page - Pulse A Technitrol Company PE-65855NL Datasheet HTML 2Page - Pulse A Technitrol Company PE-65855NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
pulseelectronics.com
Surface Mount
Common Mode Chokes
Suited for LAN and Telecom Applications
G002.p (12/12)
Common Mode Test Circuit for Surface Mount and Through Hole
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 78060
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2012. Pulse Electronics, Inc. All rights reserved.
T8008NL
Mechanical
Schematic
NL
T8008NL
1
2
3
5
6
7
8
10
11
12
13
15
16
17
18
20
31
30
29
28
26
25
24
40
39
38
36
35
34
33
23
21
Weight ....................4.0 grams
Tape & Reel ...............250/reel
Tube .............................15/tray
Dimensions:
Unless otherwise specified,
all tolerances are ±
Inches
mm
.010
0,25
HP 3577A
Network Analyzer
50
50
D.U.T.
1. Network analyzer calibrated to compensate
for 50
Ω resistors.
2. All windings on a core are connected in
parallel for the test.
3. For multi-core chokes, test data is for one
core only. The windings on the other core(s)
are left unconnected (i.e. open).
Test Notes:


Similar Part No. - PE-65855NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-65855NL PULSE-PE-65855NL Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-65855NL PULSE-PE-65855NL Datasheet
1Mb / 3P
   Reduces radiated EMI emissions
PE-65855NL PULSE-PE-65855NL Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-65855NL PULSE-PE-65855NL Datasheet
337Kb / 3P
   CHOKE,SGL,CM,2-W,SMT,4.7MH,NL
More results

Similar Description - PE-65855NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
HM67 BITECH-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
   Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-5854 BOTHHAND-BCM-5854 Datasheet
123Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236_15 Datasheet
195Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-9012 BOTHHAND-BCM-9012 Datasheet
71Kb / 1P
   SURFACE MOUNT COMMON MODE CHOKES
logo
TT Electronics.
HM67 TTELEC-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com