Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1259-7UYSYGW-S530-A3 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 1259-7UYSYGW-S530-A3
Description  3.0mm Multi-Color Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

1259-7UYSYGW-S530-A3 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  1259-7UYSYGW-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 1259-7UYSYGW-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 1259-7UYSYGW-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 1259-7UYSYGW-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 1259-7UYSYGW-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 1259-7UYSYGW-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 1259-7UYSYGW-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Technical Data Sheet
3.0mm Multi-Color Round Type LED Lamps
Packing Quantity Specification
1.1000PCS/1Bag,4Bags/1Box
2.10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant
Wavelength
REF: Reference
LOT No: Lot Number
Notes
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s consent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page:
7 of 7
Device Number : CDLE-125-212
Prepared date: 2006/2/14
Prepared by:
Xiuzen Feng
1259-7UYSYGW/S530-A3
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng Taipei 236 Taiwan R O C
http:\\www everlight com
1259-7UYSYGW/S530-A3


Similar Part No. - 1259-7UYSYGW-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
1259-7UYSYGW-S530-A3 EVERLIGHT-1259-7UYSYGW-S530-A3 Datasheet
139Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
More results

Similar Description - 1259-7UYSYGW-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204SDRSYGW-S530-A3 EVERLIGHT-204SDRSYGW-S530-A3 Datasheet
132Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7SDRSYGW-S530-A3 EVERLIGHT-1259-7SDRSYGW-S530-A3 Datasheet
142Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
209SURSYGW-S530-A3 EVERLIGHT-209SURSYGW-S530-A3 Datasheet
133Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7UYSYGW EVERLIGHT-1259-7UYSYGW Datasheet
127Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7SDRSYGW EVERLIGHT-1259-7SDRSYGW Datasheet
141Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
209UYOSUGC-S530-A3 EVERLIGHT-209UYOSUGC-S530-A3 Datasheet
131Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7SURSYGW EVERLIGHT-1259-7SURSYGW Datasheet
135Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
209SDRSYGW-S530-A3 EVERLIGHT-209SDRSYGW-S530-A3 Datasheet
131Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
204UYSYGW-S530-A3 EVERLIGHT-204UYSYGW-S530-A3 Datasheet
135Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
209UYOSUGC-S530-A3 EVERLIGHT-209UYOSUGC-S530-A3 Datasheet
131Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com