Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1254UYD-S530-A3 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 1254UYD-S530-A3
Description  LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

1254UYD-S530-A3 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  1254UYD-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 1254UYD-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 1254UYD-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 1254UYD-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 1254UYD-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 1254UYD-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 1254UYD-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 1254UYD-S530-A3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DATASHEET
LAMP
1254UYD/S530-A3
2
Copyright © 2010, Everlight All Rights Reserved. Release Date : Jan.09. 2014. Issue No: DLE-0006419_Rev.2
www.everlight.com
Device Selection Guide
Chip
Materials
Emitted Color
Resin Color
AlGaInP
Brilliant Yellow
Yellow Diffused
Absolute Maximum Ratings (Ta=25℃
℃)
Parameter
Symbol
Rating
Unit
Continuous Forward Current
IF
25
mA
Peak Forward Current (Duty 1/10 @ 1KHZ)
IFP
60
mA
Reverse Voltage
VR
5
V
Power Dissipation
Pd
60
mW
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Soldering Temperature
Tsol
260
℃ for 5 sec.
Electro-Optical Characteristics (Ta=25℃
℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
100.0
200.0
-----
mcd
IF=20mA
Viewing Angle
1/2
-----
30
-----
deg
IF=20mA
Peak Wavelength
λp
-----
591
-----
nm
IF=20mA
Dominant Wavelength
λd
-----
589
-----
nm
IF=20mA
Spectrum Radiation Bandwidth
∆λ
-----
15
-----
nm
IF=20mA
Forward Voltage
VF
1.7
2.0
2.4
V
IF=20mA
Reverse Current
IR
-----
-----
10
µ
A
VR=5V


Similar Part No. - 1254UYD-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
1254UYD-S530-A3 EVERLIGHT-1254UYD-S530-A3 Datasheet
120Kb / 6P
   3.0mm Round Type LED Lamps
More results

Similar Description - 1254UYD-S530-A3

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309319 E-SWITCH-M309319 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309337 E-SWITCH-M309337 Datasheet
151Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309329 E-SWITCH-M309329 Datasheet
169Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309315 E-SWITCH-M309315 Datasheet
65Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309338 E-SWITCH-M309338 Datasheet
154Kb / 1P
   LAMP VOLTAGE: NO LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com