Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LS373 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 74LS373
Description  Octal D-type Transparent Latches(with three-state outputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74LS373 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  74LS373 Datasheet HTML 1Page - Hitachi Semiconductor 74LS373 Datasheet HTML 2Page - Hitachi Semiconductor 74LS373 Datasheet HTML 3Page - Hitachi Semiconductor 74LS373 Datasheet HTML 4Page - Hitachi Semiconductor 74LS373 Datasheet HTML 5Page - Hitachi Semiconductor 74LS373 Datasheet HTML 6Page - Hitachi Semiconductor 74LS373 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-20DA
Conforms
0.31 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.12
0.15
M
20
10
1
0.80 Max
11
12.6
13 Max
0
° – 8°
0.70
± 0.20
+ 0.20
– 0.30
7.80
1.27
1.15
0.40
± 0.06


Similar Part No. - 74LS373

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS373 MOTOROLA-74LS373 Datasheet
250Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS; OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
logo
National Semiconductor ...
74LS373 NSC-74LS373 Datasheet
160Kb / 8P
   TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
logo
Texas Instruments
74LS373 TI-74LS373 Datasheet
331Kb / 24P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
logo
Fairchild Semiconductor
74LS373 FAIRCHILD-74LS373 Datasheet
88Kb / 8P
   3-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
logo
Texas Instruments
74LS373 TI-74LS373 Datasheet
694Kb / 28P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
More results

Similar Description - 74LS373

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS373 RENESAS-HD74LS373 Datasheet
96Kb / 8P
   Octal D-type Transparent Latches (with three-state outputs)
HD74LS373 RENESAS-HD74LS373_15 Datasheet
127Kb / 10P
   Octal D-type Transparent Latches (with three-state outputs)
logo
Aeroflex Circuit Techno...
UT54ACS373 AEROFLEX-UT54ACS373 Datasheet
237Kb / 10P
   Octal Transparent Latches with Three-State Outputs
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com