Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NES1823P-30 Datasheet(PDF) 6 Page - NEC

Part # NES1823P-30
Description  30 W L-S BAND PUSH-PULL POWER GaAs MES FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NES1823P-30 Datasheet(HTML) 6 Page - NEC

  NES1823P-30 Datasheet HTML 1Page - NEC NES1823P-30 Datasheet HTML 2Page - NEC NES1823P-30 Datasheet HTML 3Page - NEC NES1823P-30 Datasheet HTML 4Page - NEC NES1823P-30 Datasheet HTML 5Page - NEC NES1823P-30 Datasheet HTML 6Page - NEC NES1823P-30 Datasheet HTML 7Page - NEC NES1823P-30 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminaly Data Sheet P14491EJ1V0DS00
6
NES1823P-30
PACKAGE DIMENSIONS (UNIT: mm)
1.4
± 0.2
14.5
± 0.3
7.8
± 0.2
20.9
± 0.3
24.5
± 0.3
D2
D1
G2
G1
SS
45˚
R1.2
± 0.3
G1, G2: Gate
D1, D2: Drain
S: Source


Similar Part No. - NES1823P-30

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NES1823P-30 RENESAS-NES1823P-30 Datasheet
188Kb / 10P
   N-CHANNEL GaAs MES FET
1999
More results

Similar Description - NES1823P-30

ManufacturerPart #DatasheetDescription
logo
NEC
NES1823P-140 NEC-NES1823P-140 Datasheet
47Kb / 8P
   140 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-45 NEC-NES1823P-45 Datasheet
47Kb / 8P
   45 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-50 NEC-NES1823P-50 Datasheet
44Kb / 8P
   50 W L-BAND PUSH-PULL POWER GaAs MES FET
NES2427P-60 NEC-NES2427P-60 Datasheet
44Kb / 8P
   60 W S-BAND PUSH-PULL POWER GaAs MES FET
NES2427P-45 NEC-NES2427P-45 Datasheet
46Kb / 8P
   45 W S-BAND PUSH-PULL POWER GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
NES1823M-180 RENESAS-NES1823M-180 Datasheet
287Kb / 13P
   GaAs FET 180 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
NES1823M-45 RENESAS-NES1823M-45 Datasheet
200Kb / 8P
   GaAs FET 45 W L, S-BAND PUSH-PULL POWER GaAs FET
2003
NES1823M-240 RENESAS-NES1823M-240 Datasheet
299Kb / 13P
   GaAs FET 240 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com