Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2346GN-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP2346GN-HF
Description  Fast Switching Performance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2346GN-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP2346GN-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2346GN-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2346GN-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2346GN-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP2346GN-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0
10
20
30
01
23
45
6
V DS , Drain-to-Source Voltage (V)
T A =25
o C
5.0V
4.5V
3.5V
2.5V
V G =1.8V
0
10
20
30
01
23
45
V DS , Drain-to-Source Voltage (V)
T A =150
o C
5.0V
4.5V
3.5V
2.5V
V G =1.8V
0
2
4
6
8
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
0.4
0.8
1.2
1.6
2
-50
0
50
100
150
T j , Junction Temperature (
o C )
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =6A
V GS =4.5V
16
18
20
22
24
12345
V GS , Gate-to-Source Voltage (V)
I D =2A
T A =25
o C
I D =1mA


Similar Part No. - AP2346GN-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2346GN-HF A-POWER-AP2346GN-HF_16 Datasheet
61Kb / 5P
   Fast Switching Performance
More results

Similar Description - AP2346GN-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9408AGI A-POWER-AP9408AGI_14 Datasheet
158Kb / 5P
   Fast Switching Performance
AP90T03GI A-POWER-AP90T03GI_14 Datasheet
157Kb / 5P
   Fast Switching Performance
AP2344GN-HF A-POWER-AP2344GN-HF_14 Datasheet
55Kb / 4P
   Fast Switching Performance
AP4813GSM-HF A-POWER-AP4813GSM-HF_16 Datasheet
56Kb / 5P
   Fast Switching Performance
AP5521GM-HF A-POWER-AP5521GM-HF_16 Datasheet
90Kb / 8P
   Fast Switching Performance
AP4513GM-HF A-POWER-AP4513GM-HF_16 Datasheet
87Kb / 8P
   Fast Switching Performance
AP4503GM-HF A-POWER-AP4503GM-HF_16 Datasheet
96Kb / 8P
   Fast Switching Performance
AP4506GEH-HF A-POWER-AP4506GEH-HF_16 Datasheet
87Kb / 8P
   Fast Switching Performance
AP6942GMT-HF A-POWER-AP6942GMT-HF_16 Datasheet
94Kb / 8P
   Fast Switching Performance
AP4537GYT-HF A-POWER-AP4537GYT-HF_16 Datasheet
129Kb / 8P
   Fast Switching Performance
AP9412GI-HF A-POWER-AP9412GI-HF Datasheet
67Kb / 5P
   Fast Switching Performance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com