Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER601-T Datasheet(PDF) 2 Page - Diodes Incorporated

Part # HER601-T
Description  High Surge Current Capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

HER601-T Datasheet(HTML) 2 Page - Diodes Incorporated

  HER601-T Datasheet HTML 1Page - Diodes Incorporated HER601-T Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS25005 Rev. 6 - 4
2 of 2
HER601-HER604
www.diodes.com
0
1
2
3
4
5
6
0
20
40
60
80
100
120
140
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1, Forward Current Derating Curve
Derating A
Derating B
0
100
200
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 4, Peak Surge Current vs Cycles
0.1
1.0
10
100
1000
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 3, Typical Forward Characteristics
Recommended Method
(See Derating "A")
Standard Method
(See Derating "B")
2
Ground Plane: 25mm equivalent
copper surface area
Fig. 2, Printed Circuit Board Mounting Method
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.
DISCONTINUED


Similar Part No. - HER601-T

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER601-T3 WTE-HER601-T3 Datasheet
48Kb / 3P
   6.0A HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER601-T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80PF VISHAY-VS-80PF Datasheet
165Kb / 9P
   High surge current capability
Revision: 04-Dec-14
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
   High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
   High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
   High surge current capability
logo
Unisonic Technologies
SFR1020CL-TA3-T UTC-SFR1020CL-TA3-T Datasheet
307Kb / 4P
   High Surge Current Capability
logo
First Silicon Co., Ltd
KBJ4A FS-KBJ4A Datasheet
233Kb / 2P
   High surge current capability
logo
Sangdest Microelectroni...
GBU6005G SMC-GBU6005G Datasheet
146Kb / 4P
   High surge current capability
logo
GeneSiC Semiconductor, ...
GBJ30J GENESIC-GBJ30J Datasheet
791Kb / 3P
   High surge current capability
logo
Nell Semiconductor Co.,...
MTP300 NELLSEMI-MTP300 Datasheet
376Kb / 3P
   High surge current capability
logo
DIYI Electronic Technol...
GBPC50005W DYELEC-GBPC50005W Datasheet
2Mb / 2P
   High surge current capability
logo
International Rectifier
25F IRF-25F Datasheet
54Kb / 6P
   High surge current capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com