Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNISMART1400 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # OMNISMART1400
Description  OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

OMNISMART1400 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  OMNISMART1400 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved OMNISMART1400 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved OMNISMART1400 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved OMNISMART1400 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved OMNISMART1400 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OmniSmart 1400VA Tower Line-Interactive 120V
UPS with USB port
MODEL NUMBER: OMNISMART1400
Description
Tripp Lite's OMNISMART1400 line interactive UPS system offers voltage regulation, surge suppression and long lasting battery support for personal
computers, internetworking equipment and other sensitive electronics. Supports a single entry level PC system for up to 75 minutes during power failures to
facilitate a safe shutdown without data loss. Automatic Voltage Regulation (AVR) circuits regulate brownouts as low as 75 volts and overvoltages to 147 volts
back to normal 120V levels, all without using battery power. Includes 6 battery supported outlets and 6 foot AC line cord. USB port enables optional safe
unattended system shutdown in the case of extended power failure as well as continuous UPS and site power condition monitoring, USB cable included.
PowerAlert software available via free download from www.tripplite.com. Built-in audible alarm and 5 front panel LEDs indicate status of line power, battery
power, battery low/replace, voltage regulation and overload. 1400VA/940 watt power handling ability supports multiple entry-level PCs, network workstations,
point-of-sale terminals, small to medium business phone systems, audio/video workstations and heavily configured home theater systems. Offers 8 minutes
battery runtime with a full load of 1400VA and 24 minutes with a half load of 700VA. Supports hot swap battery replacement via built-in access panel. $200,000
Ultimate Lifetime Insurance (USA and Canada Only).
Features
OMNISMART1400 line interactive UPS system offers voltage regulation and battery support, plus complete AC and dialup/DSL modem line surge
suppression
Prevents equipment damage, data loss and downtime due to power problems
Supports a single entry level PC system for up to 75 minutes during power failures to enable a safe system shutdown
Supports a max load of 1400VA for 8 minutes
Supports a half load of 700VA for 24 minutes
Automatic Voltage Regulation (AVR) circuits correct brownouts as low as 75 and overvoltages as high as 147 volts back to normal 120 volt levels without
using battery power
Upright tower configuration uses only 66 square inches of floor or desktop space
Includes 6 battery supported outlets, 6 foot AC line cord (all NEMA 5-15)
USB port enables safe unattended shutdown without data loss during extended power failures, includes USB cable
USB port supports messaging of UPS and line power status, including on-battery, low-battery, power-restored, AC line voltage, DC battery voltage and
battery capacity
USB interface supports timed inverter shutoff after unattended shutdown, activate self-test and 10 second reboot of connected equipment
Highlights
1400VA / 1.4kVA tower 120V line
interactive UPS
Corrects brownouts and
overvoltages from 75V to 147V
USB port, Front panel status
LEDs
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
OMNI SMART 1400 UPS System
USB cable
Warranty information
Instruction manual
1 / 5


Similar Part No. - OMNISMART1400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNISMART1400 ETC2-OMNISMART1400 Datasheet
492Kb / 6P
   OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNISMART1400 TRIPPLITE-OMNISMART1400_15 Datasheet
489Kb / 5P
   OmniSmart 120V 1400VA 940W Line-Interactive UPS, Tower, USB port
More results

Similar Description - OMNISMART1400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNISMART1400 ETC2-OMNISMART1400 Datasheet
492Kb / 6P
   OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNISMART1400 TRIPPLITE-OMNISMART1400_15 Datasheet
489Kb / 5P
   OmniSmart 120V 1400VA 940W Line-Interactive UPS, Tower, USB port
logo
List of Unclassifed Man...
OMNISMART300PNP ETC2-OMNISMART300PNP Datasheet
497Kb / 6P
   OmniSmart 300VA Tower Line-Interactive 120V UPS with USB port
OMNISMART1050 ETC2-OMNISMART1050 Datasheet
495Kb / 6P
   OmniSmart 1050VA Tower Line-Interactive 120V UPS with USB port
logo
Tumbler Technologies + ...
OMNISMART500 TRUMPOWER-OMNISMART500 Datasheet
493Kb / 5P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
logo
List of Unclassifed Man...
OMNISMART500 ETC2-OMNISMART500 Datasheet
502Kb / 6P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNISMART1050 TRIPPLITE-OMNISMART1050 Datasheet
492Kb / 5P
   OmniSmart 1050VA Tower Line-Interactive 120V UPS with USB port
OMNISMART300PNP TRIPPLITE-OMNISMART300PNP Datasheet
163Kb / 5P
   OmniSmart 120V 300VA 180W Line-Interactive UPS, Tower, USB port
OMNISMART1050 TRIPPLITE-OMNISMART1050_15 Datasheet
492Kb / 5P
   OmniSmart 120V 1050VA 705W Line-Interactive UPS, Tower, USB port
OMNISMART300PNP TRIPPLITE-OMNISMART300PNP_15 Datasheet
495Kb / 5P
   OmniSmart 120V 300VA 180W Line-Interactive UPS,Tower, USB port
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com