Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM5239B-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZMM5239B-7
Description  500mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMM5239B-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZMM5239B-7 Datasheet HTML 1Page - Diodes Incorporated ZMM5239B-7 Datasheet HTML 2Page - Diodes Incorporated ZMM5239B-7 Datasheet HTML 3Page - Diodes Incorporated ZMM5239B-7 Datasheet HTML 4Page - Diodes Incorporated ZMM5239B-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NOT RECOMMENDED FOR NEW DESIGN
SUGGESTED REPLACEMENT MMSZ52xx
DS30024 Rev. 5 - 3
4 of 5
ZMM5221B-ZMM5267B
www.diodes.com
Ordering Information (Note 4)
Device
Packaging
Shipping
ZMM5221B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5221B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5222B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5222B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5223B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5223B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5224B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5224B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5225B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5225B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5226B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5226B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5227B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5227B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5228B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5228B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5229B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5229B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5230B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5230B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5231B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5231B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5232B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5232B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5233B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5233B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5234B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5234B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5235B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5235B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5236B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5236B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5237B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5237B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5238B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5238B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5239B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5239B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5240B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5240B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5241B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5241B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5242B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5242B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5243B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5243B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5244B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5244B-13
MiniMELF
10K/Tape & Reel, 13-inch
ZMM5245B-7
MiniMELF
2.5K/Tape & Reel, 7-inch
ZMM5245B-13
MiniMELF
10K/Tape & Reel, 13-inch


Similar Part No. - ZMM5239B-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMM5239B-7 DIODES-ZMM5239B-7 Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM5239B-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com