Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM5239B-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZMM5239B-7
Description  500mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMM5239B-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZMM5239B-7 Datasheet HTML 1Page - Diodes Incorporated ZMM5239B-7 Datasheet HTML 2Page - Diodes Incorporated ZMM5239B-7 Datasheet HTML 3Page - Diodes Incorporated ZMM5239B-7 Datasheet HTML 4Page - Diodes Incorporated ZMM5239B-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DS30024 Rev. 5 - 3
1 of 5
ZMM5221B-ZMM5267B
www.diodes.com
ã Diodes Incorporated
ZMM5221B - ZMM5267B
500mW SURFACE MOUNT ZENER DIODE
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air
(Note 1)
RqJA
300
°C /W
Forward Voltage
@ IF = 200mA
VF
1.5
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
oC
·
Case: MiniMELF
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Sn97.5Ag2.5. Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Ordering Information: See Last Page
·
Marking: Cathode Band Only
·
Weight: 0.034 grams (approximate)
·
500mW Power Dissipation
·
Outline Similar to JEDEC DO-213AA
·
Hemetic Glass Package
·
Lead Free Finish, RoHS Compliant (Note 3)
Mechanical Data
A
C
B
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
Notes:
1. Valid provided that electrodes are kept at ambient temperature.
2. Tested with pulses, Tp
£ 100ms.
3. EC Directive 2002/95/EC (RoHS) revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied where applicable,
see
EU Directive Annex Notes 5 and 7.
NOT RECOMMENDED FOR NEW DESIGN
SUGGESTED REPLACEMENT MMSZ52xx


Similar Part No. - ZMM5239B-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMM5239B-7 DIODES-ZMM5239B-7 Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM5239B-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com