Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCI-20 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # LCI-20
Description  SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

LCI-20 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  LCI-20 Datasheet HTML 1Page - Pulse A Technitrol Company LCI-20 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
74
SPM2007 (11/07)
SMT POWER INDUCTORS
Toroid - SLIC Series
Fifteen package sizes
Current Rating: up to 23.8ADC
Frequency Range: up to 1MHz
1. Reference values are for an inductor with a 55°C temperature
rise. The core loss is 10% of the copper loss at the ET listed
and 500kHz.
2. Core does not saturate abruptly. The ET and DC current are
limited by the desired inductance and temperature rise.
3. In high volt-time applications, additional heating in the compo-
nent can occur due to core losses in the inductor which may
necessitate derating the current in order to limit the tempera-
ture rise of the component. In order to determine the approxi-
mate total losses (or temperature rise) for a given application,
both copper and core losses should be taken into account.
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C 6
Pulse 4,5
Inductance
DCR (m
Ω
Ω ))
Inductance
Reference
Flux Density
Core Loss
Temp. Rise
Part
@ Irated
Irated
@ 0ADC
ET
Factor
Factor
Factor
Number
(µH)
(A)
TYP
MAX
(µH)
(Volt-µsec)
(K1)
(K2)
(K3)
LCI-20
PE-53630NL
1.01
3.40
9.35
11
1.1
0.53
5.43
3.29E-11
323.9
PE-53600NL
6.2
1.40
59.5
70
7
1.33
2.17
3.29E-11
323.9
PE-53601NL
17.6
1.00
106.25
125
22.7
2.4
1.21
3.29E-11
323.9
LCI-30
PE-53650NL
3.8
4.80
14.705
17.3
5.2
1.76
1.28
1.39E-10
148.0
PE-53631NL
9.4
2.80
36.89
43.4
12.3
2.7
0.83
1.39E-10
148.0
PE-53602NL
29.7
1.40
141.1
166
35.3
4.6
0.49
1.39E-10
148.0
PE-53606NL
114
0.94
365
405
167
10
0.23
1.39E-10
148.0
LCI-37
PE-53661NL
2.5
8.00
7.055
8.3
3.8
1.77
1.30
1.87E-10
114.2
PE-53651NL
5.1
5.40
15.045
17.7
7.5
2.51
0.92
1.87E-10
114.2
PE-53632NL
16.2
2.70
63
72
21.9
4.29
0.54
1.87E-10
114.2
PE-53604NL
58.1
1.30
246.5
290
73
7.83
0.29
1.87E-10
114.2
PE-53608NL
192
0.90
476
560
292
15.7
0.15
1.87E-10
114.2
PE-53611NL
383
0.72
732.7
862
672
23.5
0.10
1.87E-10
114.2
LCCI-37
PE-53717NL
43.6
1.1
247.2
309
77
7.83
0.295
1.87E-10
114.23
LCI-44
PE-53662NL
4.9
7.80
10.54
12.4
7.9
3.04
0.67
3.35E-10
85.7
PE-53652NL
9
5.50
25
28
14
4.06
0.51
3.35E-10
85.7
PE-53633NL
29.1
2.70
85
100
40.5
6.9
0.30
3.35E-10
85.7
PE-53613NL
645
0.74
1062.5
1250
1134
36.5
0.06
3.35E-10
85.7
HCI-37
PE-53690NL
0.81
14.30
2.125
2.5
1.25
1.035
2.23
1.87E-10
114.2
PE-53680NL
1.32
11.50
3.4
4.0
2.1
1.33
1.74
1.87E-10
114.2
LCCI-44
PE-53718NL
21.9
2.7
72.4
90.5
39.5
6.9
0.297
3.35E-10
85.71
HCI-44
PE-53691*NL
1.68
13.90
3.06
3.6
2.8
1.83
1.12
3.35E-10
85.7
PE-53681NL
2.5
11.40
4.59
5.4
4.2
2.23
0.92
3.35E-10
85.7
LCI-50
PE-53663NL
9.3
7.20
15.895
18.7
16
4.92
0.41
4.52E-10
67.9
PE-53653NL
16.1
5.10
27.2
32.0
25.9
6.27
0.32
4.52E-10
67.9
PE-53634NL
50
2.60
113.05
133
72.9
10.5
0.19
4.52E-10
67.9
PE-53614NL
1070
0.71
1445
1700
1950
54.4
0.04
4.52E-10
67.9
LCCI-50
PE-53719NL
4.025
6.4
18.4
23
6.575
3.135
0.638
4.52E-10
67.89
HCI-50
PE-53692*NL
3.5
12.40
5.61
6.6
6.5
3.1
0.64
4.52E-10
67.9
PE-53682NL
4.7
10.40
7.055
8.3
8.4
3.58
0.56
4.52E-10
67.9
HCCI-44
PE-53361NL
0.53
23.8
1.0
3
0.88
1
2.020
3.35E-10
85.71
HCCI-50
PE-53362NL
1.1
21
1.7
2.5
2.1
1.75
1.116
4.52E-10
67.89
HCI-68
PE-53700*NL
5.2
15.40
5.27
6.2
10.5
5.21
0.35
9.58E-10
44.6
PE-53683NL
9.4
10.90
10.455
12.3
17.6
6.84
0.27
9.58E-10
44.6
HCCI-68
PE-53363NL
2.1
22.4
2.5
3.4
4
3.25
0.559
9.58E-10
44.56
LCI-20
LCI-30
LCI-37
LCCI-37
LCI-44
HCI-37
LCCI-44
HCI-44
LCI-50
LCCI-50
HCI-50
HCCI-44
HCCI-50
HCI-68
HCCI-68
NOTES:
Estimated Temperature Rise:
Trise = K3 * (Coreloss(W) + Copperloss(W).833 (C)
CopperLoss = Irms2 * DCR_Typical (m
Ω) / 1000
CoreLoss = K2 * (Freq_kHz)1.26 * (
ΔB)2.11
ΔB = K1 * Volt-µsec * 100
4. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to the part
number (i.e. PE-53600NL becomes PE-53600NLT). Pulse complies to industry
standard tape and reel specification EIA481.
5. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suffixed parts are
not necessarily RoHS compliant, but are electrically and mechanically equivalent to
NL versions. If a part number does not have the "NL" suffix, but an RoHS compliant
version is required, please contact Pulse for availability.
6. The temperature of the component (ambient plus temperature rise) must be within the
stated operating temperature range.


Similar Part No. - LCI-20

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LCI-20 PULSE-LCI-20 Datasheet
181Kb / 2P
   Fifteen package sizes
LCI-20 PULSE-LCI-20 Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
More results

Similar Description - LCI-20

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com