Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCHC63R8-1R2M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC63R8-1R2M-RC
Description  SMD High Current Shielded Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC63R8-1R2M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCHC63R8-1R2M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD High Current Shielded Choke
PCHC63R8
15
Isat
(mΩ)
RDC
Allied
Part
Number
Inductance
(µh)
Idc=0A
Tolerance
(%)
Heat Rated
Current DC
PCHC63R8-R10M-RC
PCHC63R8-R33M-RC
PCHC63R8-R47M-RC
PCHC63R8-1R5M-RC
0.10
0.33
0.47
1.5
20
20
20
20
32.5
21.0
18.0
10.0
60
25
20
14
1.5
3.0
3.5
10.6
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCHC63R8-R82M-RC
0.82
20
14.0
16
5.4
(A) Typ.
All specifications subject to change without notice.
REVISED 01/15/13
RDC
1.7
3.5
4.1
12.1
6.0
Current DC
PCHC63R8-2R2M-RC
2.2
20
8.0
10
13.5
15.0
Max.
PCHC63R8-R22M-RC
0.22
20
23.0
34
2.5
3.0
PCHC63R8-R68M-RC
0.68
20
16.0
17
4.8
5.3
PCHC63R8-1R0M-RC
1.0
20
12.0
15
6.7
7.4
Features
• Magnetically shielded construction
• Expanding operating temp range
Electrical
Inductance Range: .10µH to 10µH
Tolerance: 20% over entire range,
Operating Temp: -55ºC ~ +125ºC
Test Equipment
(L): HP 4284A LCR meter or equivalent
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 1000 pieces per 13 inch reel.
• High saturation current up to 45Amps
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC
(DCR): CH16502, Agilent 33420A Micro-Ohm meter
Marking:
EIA Inductance Code
Temp rise:
current.
Under no condition should the temperature
of the part exceed 125ºC
Test Frequency: 100KHz, .5Vdc
• Low DCR resistance
• Suitable for pick and place
∆ T=40ºC Typical at heat rated
Immersion Time: 10 sec. ± 1 sec.
Additional values available
Storage Temp: -55ºC ~ +125ºC
Inductance drop: 30% typical at rated Isat
(IDC): 3260B WK & DC Bias 3265B WK
PCHC63R8-3R3M-RC
3.3
20
6.5
9.5
18.0
22.0
PCHC63R8-4R7M-RC
4.7
20
5.5
6.5
28.0
33.0
Available in tighter tolerances
(A) Typ.
(mΩ)
Typ.
PCHC63R8-6R8M-RC
6.8
20
4.5
6.0
43.9
50.0
.260+/-.008
(6.6+/-0.2)
(7.3 Max)
.287 Max
(3.0 Max)
.118 Max
(2.4 Typ)
.094 Typ
.063+/-0.2
(1.6+/-0.5)
PCHC63R8-8R2M-RC
8.2
20
4.5
6.0
54.0
60.0
PCHC63R8-100M-RC
10
20
4.0
5.5
62.0
68.0
PCHC63R8-R15M-RC
0.15
20
30.0
40
1.9
2.5
PCHC63R8-R36M-RC
0.36
20
20.0
24
3.3
3.9
PCHC63R8-R56M-RC
0.56
20
16.5
18
3.9
4.5
PCHC63R8-1R2M-RC
1.2
20
10.0
14
7.8
10.0
PCHC63R8-5R6M-RC
5.6
20
5.5
6.0
39.0
42.0
Dimensions:
Inches
(mm)
Recommended Pattern
(2.35)
.093
(3.5)
.138
(6.05)
.239


Similar Part No. - PCHC63R8-1R2M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63R8-1R0M-RC ALLIED-PCHC63R8-1R0M-RC Datasheet
354Kb / 1P
   SMD High Current Shielded Choke
PCHC63R8-1R5M-RC ALLIED-PCHC63R8-1R5M-RC Datasheet
354Kb / 1P
   SMD High Current Shielded Choke
More results

Similar Description - PCHC63R8-1R2M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63R8-R10M-RC ALLIED-PCHC63R8-R10M-RC Datasheet
354Kb / 1P
   SMD High Current Shielded Choke
PCHC412R8 ALLIED-PCHC412R8 Datasheet
412Kb / 1P
   SMD High Current Shielded Choke
PCHC412R8L ALLIED-PCHC412R8L Datasheet
400Kb / 1P
   SMD High Current Shielded Choke
PCHC615R8A ALLIED-PCHC615R8A Datasheet
425Kb / 1P
   SMD High Current Shielded Choke
PCHC63A ALLIED-PCHC63A Datasheet
351Kb / 1P
   SMD High Current Shielded Choke
PCHC618R8A ALLIED-PCHC618R8A Datasheet
395Kb / 1P
   SMD High Current Shielded Choke
PCHC415R8 ALLIED-PCHC415R8 Datasheet
402Kb / 1P
   SMD High Current Shielded Choke
PCHC420Z2 ALLIED-PCHC420Z2 Datasheet
676Kb / 1P
   SMD High Current Shielded Choke
PCHC530R8 ALLIED-PCHC530R8 Datasheet
412Kb / 1P
   SMD High Current Shielded Choke
PCHC520R8 ALLIED-PCHC520R8 Datasheet
420Kb / 1P
   SMD High Current Shielded Choke
PCHC515R8 ALLIED-PCHC515R8 Datasheet
397Kb / 1P
   SMD High Current Shielded Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com